Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessors
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3517 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 37Page - Texas Instruments AM3517 Datasheet HTML 38Page - Texas Instruments AM3517 Datasheet HTML 39Page - Texas Instruments AM3517 Datasheet HTML 40Page - Texas Instruments AM3517 Datasheet HTML 41Page - Texas Instruments AM3517 Datasheet HTML 42Page - Texas Instruments AM3517 Datasheet HTML 43Page - Texas Instruments AM3517 Datasheet HTML 44Page - Texas Instruments AM3517 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 223 page
background image
AM3517, AM3505
www.ti.com
SPRS550E – OCTOBER 2009 – REVISED MARCH 2013
Table 2-2. Ball Characteristics (ZER Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION [2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
gpio_96
4
IO
Y22
ccdc_vd
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/ PD
LVCMOS
uart4_cts
2
I
gpio_97
4
IO
hw_dbg2
5
O
W21
ccdc_wen
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/PD
LVCMOS
ccdc_data9
1
I
uart4_rx
2
I
gpio_98
4
IO
hw_dbg3
5
O
W22
ccdc_data0
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/PD
LVCMOS
i2c3_sda
3
IO
gpio_99
4
I
W20
ccdc_data1
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/PD
LVCMOS
gpio_100
4
I
V21
ccdc_data2
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/ PD
LVCMOS
gpio_101
4
IO
hw_dbg4
5
O
V19
ccdc_data3
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/ PD
LVCMOS
gpio_102
4
IO
hw_dbg5
5
O
V22
ccdc_data4
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/ PD
LVCMOS
gpio_103
4
IO
hw_dbg6
5
O
U20
ccdc_data5
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/ PD
LVCMOS
gpio_104
4
IO
hw_dbg7
5
O
V20
ccdc_data6
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/PD
LVCMOS
gpio_105
4
IO
U19
ccdc_data7
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
15
PU/PD
LVCMOS
gpio_106
4
IO
U21
rmii_mdio_da 0
IO
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/PD
LVCMOS
ta
ccdc_data8
1
I
gpio_107
4
IO
8
U22
rmii_mdio_clk 0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/PD
LVCMOS
ccdc_data9
1
I
8
gpio_108
4
IO
T19
rmii_rxd0
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data10 1
I
gpio_109
4
IO
hw_dbg8
5
O
T20
rmii_rxd1
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data11 1
I
gpio_110
4
IO
hw_dbg9
5
O
T21
rmii_crs_dv
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data12 1
I
gpio_111
4
IO
R22
rmii_rxer
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data13 1
I
gpio_167
4
IO
hw_dbg10
5
O
Copyright © 2009–2013, Texas Instruments Incorporated
Terminal Description
41
Submit Documentation Feedback
Product Folder Links: AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com