Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessors
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3517 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 35Page - Texas Instruments AM3517 Datasheet HTML 36Page - Texas Instruments AM3517 Datasheet HTML 37Page - Texas Instruments AM3517 Datasheet HTML 38Page - Texas Instruments AM3517 Datasheet HTML 39Page - Texas Instruments AM3517 Datasheet HTML 40Page - Texas Instruments AM3517 Datasheet HTML 41Page - Texas Instruments AM3517 Datasheet HTML 42Page - Texas Instruments AM3517 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 223 page
background image
AM3517, AM3505
www.ti.com
SPRS550E – OCTOBER 2009 – REVISED MARCH 2013
Table 2-2. Ball Characteristics (ZER Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION [2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
W11
gpmc_nbe0_ 0
O
L
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
cle
gpio_60
4
IO
Y15
gpmc_nbe1
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_61
4
IO
W14
gpmc_nwp
0
O
L
Z
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_62
4
IO
V13
gpmc_wait0
0
I
H
PU
0
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
AA16
gpmc_wait1
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
uart4_tx
1
O
gpio_63
4
IO
Y14
gpmc_wait2
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
uart4_rx
1
I
gpio_64
4
IO
V14
gpmc_wait3
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
sys_
1
I
ndmareq1
uart3_cts_rct 2
I
x
gpio_65
4
IO
B22
dss_pclk
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_66
4
IO
hw_dbg12
5
O
B21
dss_hsync
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_67
4
IO
hw_dbg13
5
O
B20
dss_vsync
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_68
4
IO
B19
dss_acbias
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_69
4
IO
A20
dss_data0
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
uart1_cts
2
I
gpio_70
4
IO
A19
dss_data1
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
uart1_rts
2
O
gpio_71
4
IO
A18
dss_data2
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_72
4
IO
B18
dss_data3
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_73
4
IO
A17
dss_data4
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
uart3_rx_irrx 2
I
gpio_74
4
IO
C18
dss_data5
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
uart3_tx_irtx
2
O
gpio_75
4
IO
D17
dss_data6
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
uart1_tx
2
O
gpio_76
4
IO
hw_dbg14
5
O
B16
dss_data7
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
uart1_rx
2
I
gpio_77
4
IO
hw_dbg15
5
O
B17
dss_data8
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_78
4
IO
Copyright © 2009–2013, Texas Instruments Incorporated
Terminal Description
39
Submit Documentation Feedback
Product Folder Links: AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com