Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessors
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3517 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 30Page - Texas Instruments AM3517 Datasheet HTML 31Page - Texas Instruments AM3517 Datasheet HTML 32Page - Texas Instruments AM3517 Datasheet HTML 33Page - Texas Instruments AM3517 Datasheet HTML 34Page - Texas Instruments AM3517 Datasheet HTML 35Page - Texas Instruments AM3517 Datasheet HTML 36Page - Texas Instruments AM3517 Datasheet HTML 37Page - Texas Instruments AM3517 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 223 page
background image
AM3517, AM3505
SPRS550E – OCTOBER 2009 – REVISED MARCH 2013
www.ti.com
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
hsusb2_stp
3
O
gpio_25
4
IO
mm_fsusb2_r 5
IO
xdp
AE21
etk_d12
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_dir
3
I
gpio_26
4
IO
AD21
etk_d13
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_nxt
3
I
gpio_27
4
IO
mm_fsusb2_r 5
IO
xdm
AC21
etk_d14
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_
3
IO
data0
gpio_28
4
IO
mm_fsusb2_r 5
IO
xrcv
AE22
etk_d15
0
O
L
PD
4
VDDSHV
1.8V/3.3V
Yes
9, 25
PU/ PD
LVCMOS
hsusb2_
3
IO
data1
gpio_29
4
IO
mm_fsusb2_t 5
IO
xse0
V16, V15,
VDD_CORE 0
PWR
1.2V
V11, V10,
U16, U15,
U11, U10,
T18, T17, T9,
T8, R18,
R17, R9, R8,
M18, L18,
L9, L8, K18,
K17, K9, K8,
J16, J15,
J11, J10,
H15, H11,
H10
AA13
VDDS_SRA
0
PWR
1.8V
M_MPU
E17
VDDS_SRA
0
PWR
1.8V
M_CORE_B
G
AA12
CAP_VDD_S 0
PWR
1.2V
RAM_MPU
E16
CAP_VDD_S 0
PWR
1.2V
RAM_CORE
AA15
VDDS_DPLL 0
PWR
1.8V
_MPU_USB
HOST
N20
VDDS_DPLL 0
PWR
1.8V
_PER_CORE
H21
VDDA_DAC
0
PWR
1.8V
F23
VDDA3P3V_ 0
PWR
3.3V
USBPHY
G22
VDDA1P8V_ 0
PWR
1.8V
USBPHY
F22
CAP_VDDA1 0
PWR
1.2V
P2LDO_USB
PHY
34
Terminal Description
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com