Electronic Components Datasheet Search
  English  ▼

X  

FE150H Datasheet(PDF) 7 Page - Tyco Electronics

Part # FE150H
Description  Thermal Management for High-Power Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FE150H Datasheet(HTML) 7 Page - Tyco Electronics

  FE150H Datasheet HTML 1Page - Tyco Electronics FE150H Datasheet HTML 2Page - Tyco Electronics FE150H Datasheet HTML 3Page - Tyco Electronics FE150H Datasheet HTML 4Page - Tyco Electronics FE150H Datasheet HTML 5Page - Tyco Electronics FE150H Datasheet HTML 6Page - Tyco Electronics FE150H Datasheet HTML 7Page - Tyco Electronics FE150H Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Tyco Electronics Corp.
7
Technical Note
August 1997
High-Power Board-Mounted Power Modules
Thermal Mangement for
Detailed Thermal Model (continued)
Conduction Through a Cold Plate
In some instances, heat can be removed from the top
surface of the module by conduction through a solid
object. One-dimensional conduction heat transfer can
be expressed as:
θ = L/kA
where:
θ = thermal resistance
L = heat travel distance hot to cold (m)
k = material conductivity (W/m • °C)
A = material cross-section area (m2)
For example, an FE150A operating at IO = 30 A and
TA = 40 °C in natural convection is mounted to a copper
base plate that conducts heat to a cooling surface held
at 40 °C (TCs). The base plate cross-section is
0.000806 m2, its length is 0.127 m and k = 380W/m • °C.
From the efficiency curves, PD = 33 W. Determine the
case temperature (TC).
The thermal resistance of the base plate is:
θBP = L/kA
θBP = 0.127/(380 • 0.000806)
θBP = 0.4 °C/W
So the overall module resistance is:
θtotal = θother || θBP
θtotal = 1/(1/θother + 1/θBP)
θtotal = 1/(1/8.6 + 1/0.4)
θtotal = 0.4 °C/W
And TC is:
TC = TCs + PD(
θtotal)
TC = 40 + 33(0.4)
TC = 53.2 °C
In this example, thermal resistance from the top sur-
face is low enough that other resistances are negligible
when computing overall resistance.
Operation in Narrow Spaces
Figure 4 shows the typical mounting configuration with
the module oriented vertically in a rectangular pas-
sage. When clearance between the facing board and
the top surface of the module is reduced, airflow
between these two surfaces drops, thereby lowering
the heat transfer. This increases the value of
θT. Flow
interference begins when the clearance approaches
the boundary layer thickness on the top surface of the
module. When operating the module in tight spacing,
make a calculation of the boundary layer thickness and
use a higher value of
θT, if necessary, when calculating
θtotal. For assistance, contact a Tyco Application Engi-
neer.
Horizontal Orientation
In some applications, the module is operated in natural
convection and oriented horizontally as shown in
Figure 14. In this situation, use
θtotal = 4.8 °C/W for
overall module thermal resistance.
8-700(C)
Figure 14. Horizontal Orientation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com