Electronic Components Datasheet Search
  English  ▼

X  

FE150H Datasheet(PDF) 1 Page - Tyco Electronics

Part # FE150H
Description  Thermal Management for High-Power Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FE150H Datasheet(HTML) 1 Page - Tyco Electronics

  FE150H Datasheet HTML 1Page - Tyco Electronics FE150H Datasheet HTML 2Page - Tyco Electronics FE150H Datasheet HTML 3Page - Tyco Electronics FE150H Datasheet HTML 4Page - Tyco Electronics FE150H Datasheet HTML 5Page - Tyco Electronics FE150H Datasheet HTML 6Page - Tyco Electronics FE150H Datasheet HTML 7Page - Tyco Electronics FE150H Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical Note
August 1997
Thermal Management for
High-Power Board-Mounted Power Modules
Introduction
Board-mounted power modules (BMPMs) enhance
the capabilities of advanced computer and communi-
cations systems by providing flexible power architec-
tures; however, proper cooling of the power modules is
required for reliable and consistent operation. Main-
taining the operating case temperature (TC) within the
specified range keeps internal-component tempera-
tures within their specifications, which, in turn, helps
keep the expected mean time between failures
(MTBF) from falling below the specified rating.
Tyco's FC-, FE-, and FW-Series 50 W to 200 W
BMPMs are designed with high efficiency as a pri-
mary goal. The 5 V output units have typical full-load
efficiencies greater than 80%, which result in less
heat dissipation and lower module case tempera-
tures. Furthermore, these modules use temperature-
resistant components, such as ceramic capacitors,
that do not degrade during prolonged exposure to
high temperatures, as do aluminum electrolytic
capacitors.
This application note provides the information to ver-
ify that adequate cooling is present in a given operat-
ing environment. A thermal model is included that
can be used to design heat sinks and other means
for meeting the cooling and reliability requirements
for a given application. The information can be
applied to all Tyco high-power BMPMs in the
121.9 mm x 63.5 mm x 12.7 mm (4.8 in. x 2.5 in. x
0.5 in.) package.
Basic Thermal Management
Proper cooling can be verified by measuring the TC of
the module at the location indicated in Figure 1. TC
must not exceed 95 °C (85 °C for 200 W modules)
while operating in the final system configuration.
After the module has reached thermal equilibrium,
the measurement can be made with a thermocouple
or surface probe. If a heat sink is mounted to the
case, make the measurement on the base of the heat
sink as close as possible to the indicated position,
taking into account the contact resistance between
the mounting surface and the heat sink (see Detailed
Thermal Model section).
8-582(C).c
Note: Top view, pin locations are for reference.
Dimensions shown in millimeters and (inches).
Figure 1. Case Temperature Measurement
While this is a valid method to check for proper ther-
mal management, it makes the assumption that the
final system configuration exists and can be used for
a test environment or can be modeled. The following
graphs provide guidelines to predict the thermal
performance of the module for typical configurations
that include heat sinks in natural or forced-airflow
environments.
The goal of thermal management is to transfer the
heat dissipated by the module to the surrounding
environment. The amount of power dissipated by the
module as heat (PD) is the difference between the
input power (PI) and output power (PO) as shown by
the equation below:
PD = PI – PO
Also, module efficiency (
η) is defined as the ratio of
output power to input power, shown by the following
equation:
The input power term can be eliminated by combin-
ing these two equations. They yield the equation
below, which can be used to calculate module power
dissipation:
PARALLEL
+
SENSE
–
+
OUT
–
CASE
ON/OFF
+
–
IN
MEASURE CASE
TEMPERATURE HERE
18 (0.7)
76 (3.0)
FE150A
DC-DC Power Module
IN:DC 48V, 3.7A OUT:DC 5V, 30A
150W
MADE IN USA
Lucent
Protected by U.S. Patents: 5,036,452 5,179,365
TUV Rheinland
6238
η
PO
PI
-------
=
PD
PO 1
η
–
()
η
-------------------------
=


Similar Part No. - FE150H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE150-20 ETC1-FE150-20 Datasheet
47Kb / 1P
STANDARD CRYSTALS
More results

Similar Description - FE150H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
Power Management for Multimedia Processors
Feb-2006
logo
Lumileds Lighting Compa...
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
Thermal Management Considerations for SuperFlux LEDs
logo
Analog Devices
ADP5020 AD-ADP5020 Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
ATCA Board Power Input Modules
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
logo
General Semiconductor
MHSL02555 GE-MHSL02555 Datasheet
92Kb / 8P
Thermal Management for FC-and FW-Series 250W-300W Board-Mounted Power Modules
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
Thermal Management
logo
Monolithic Power System...
EV5416-R-00B MPS-EV5416-R-00B Datasheet
511Kb / 7P
5V Power Management IC Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
Power Management Unit for Power Banks
logo
STMicroelectronics
STEVAL-PMIC1K1 STMICROELECTRONICS-STEVAL-PMIC1K1 Datasheet
296Kb / 6P
Evaluation board for high integration STPMIC1x power management IC for microprocessor units
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com