Electronic Components Datasheet Search
  English  ▼

X  

FE150H Datasheet(PDF) 2 Page - Tyco Electronics

Part # FE150H
Description  Thermal Management for High-Power Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FE150H Datasheet(HTML) 2 Page - Tyco Electronics

  FE150H Datasheet HTML 1Page - Tyco Electronics FE150H Datasheet HTML 2Page - Tyco Electronics FE150H Datasheet HTML 3Page - Tyco Electronics FE150H Datasheet HTML 4Page - Tyco Electronics FE150H Datasheet HTML 5Page - Tyco Electronics FE150H Datasheet HTML 6Page - Tyco Electronics FE150H Datasheet HTML 7Page - Tyco Electronics FE150H Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2
Tyco Electronics Corp.
Technical Note
August 1997
High-Power Board-Mounted Power Modules
Thermal Mangement for
Basic Thermal Management (continued)
However, efficiency is a nonlinear function of the mod-
ule input voltage (VI) and output current (IO). Typically, a
plot of power dissipation versus output current over
three different line voltages is given in each module-
specific data sheet. This is because each power mod-
ule output voltage has a different power dissipation
curve. The typical curves of PD vs. IO for three input
voltages for the FE150A Power Module are shown in
Figure 2.
8-583(C)
Figure 2. FE150A Power Dissipation as Heat vs.
Output Load
Module Derating
200 Watt Power Modules
Please see module specific data sheets for the FE200
and FW200 Series BMPMs. These modules have an
85 °C maximum case temperature.
Forced Convection Without Heat Sinks
Increasing the airflow over the module improves cool-
ing. Figure 3 shows power derating vs. local ambient
temperature (TA) at airflows from natural convection to
4.0 m/s (800 ft./min.)
8-587(C)
Figure 3. Forced Convection Derating Without Heat
Sinks
The curves in Figure 3 were obtained from measure-
ments made in a free stream of air approaching a verti-
cally oriented module mounted on a printed-wiring board
(PWB) in a rectangular passage, as shown in Figure 4.
8-690(C)
Figure 4. Location for Measurements
Figure 3 can be used to determine the appropriate
airflow for a given set of operating conditions. For
example, at PD = 20 W and TA = 40 °C, an airflow of
1.0 m/s (200 ft./min.) is sufficient to keep the module
within its ratings.
Heat Sinks
Several standard heat sinks are available for high-
power BMPMs, as shown in Figures 5 and 6 with their
respective thermal resistances for natural convection.
The heat sinks mount to the top surface of the module
using #4-40 hardware torqued to 0.56 N-m (5 in.-lb.)
Placing a thermally conductive dry pad or thermal
grease between the case and the heat sink minimizes
contact resistance and temperature drop.
40
30
20
10
0
0
5
10
15
20
25
30
OUTPUT CURRENT, IO (A)
VI = 60 V
VI = 50 V
VI = 40 V
30
LOCAL AMBIENT TEMPERATURE, TA (
°C)
20
10
020
40
60
80
40
100
0
0.1 m/s (20 ft./min.)
NATURAL CONVECTION
0.5 m/s (100 ft./min.)
1.0 m/s (200 ft./min.)
1.5 m/s (300 ft./min.)
2.0 m/s (400 ft./min.)
2.5 m/s (500 ft./min.)
3.0 m/s (600 ft./min.)
3.5 m/s (700 ft./min.)
4.0 m/s (800 ft./min.)
FACING
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED
BELOW THE
MODULE
AIRFLOW
PWB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com