Electronic Components Datasheet Search
  English  ▼

X  

FE150H Datasheet(PDF) 3 Page - Tyco Electronics

Part # FE150H
Description  Thermal Management for High-Power Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FE150H Datasheet(HTML) 3 Page - Tyco Electronics

  FE150H Datasheet HTML 1Page - Tyco Electronics FE150H Datasheet HTML 2Page - Tyco Electronics FE150H Datasheet HTML 3Page - Tyco Electronics FE150H Datasheet HTML 4Page - Tyco Electronics FE150H Datasheet HTML 5Page - Tyco Electronics FE150H Datasheet HTML 6Page - Tyco Electronics FE150H Datasheet HTML 7Page - Tyco Electronics FE150H Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Tyco Electronics Corp.
3
Technical Note
August 1997
High-Power Board-Mounted Power Modules
Thermal Mangement for
Module Derating (continued)
Heat Sinks (continued)
8-691(C)
Figure 5. Heat Sink with Fins Oriented Along
Length
8-692(C)
Figure 6. Heat Sink with Fins Oriented Along Width
Natural Convection with Heat Sink
Figures 7 and 8 represent power derating for a module
in natural convection with the heat sinks shown in
Figures 5 and 6. Natural convection is the airflow pro-
duced when air in contact with a hot surface is heated,
causing it to rise. An open environment is required with
no external forces moving the air. Figures 7 and 8 apply
when the module is the only source of heat present in
the system.
8-693(C)
Figure 7. Heat-Sink Derating Curves; Natural
Convection; Fins Oriented Along Length
8-694(C)
Figure 8. Heat-Sink Derating Curves; Natural
Convection; Fins Oriented Along Width
With a known PD and TA, the appropriate heat sink can
be chosen from the derating curves. For example, if
PD = 20 W and TA = 30 °C with the heat sink oriented
along the width, the 0.5 in. heat sink would keep the
module within its temperature rating.
0.5 in. H = 5.7
°C/W
1.0 in. H = 3.1
°C/W
1.5 in. H = 2.4
°C/W
0.25 in. H = 6.3
°C/W
0.5 in. H = 4.8
°C/W
1.0 in. H = 2.6
°C/W
1.5 in. H = 2.1
°C/W
0.25 in. H = 5.6
°C/W
30
20
10
0
0
20
406080
100
LOCAL AMBIENT TEMPERATURE, TA (
°C)
1.5 in.
1.0 in.
NONE
0.25 in.
0.5 in.
40
30
20
10
0
0
20
406080
100
LOCAL AMBIENT TEMPERATURE, TA (
°C)
1.5 in.
1.0 in.
NONE
0.5 in.
0.25 in.
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com