Electronic Components Datasheet Search
  English  ▼

X  

FE150H Datasheet(PDF) 4 Page - Tyco Electronics

Part # FE150H
Description  Thermal Management for High-Power Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FE150H Datasheet(HTML) 4 Page - Tyco Electronics

  FE150H Datasheet HTML 1Page - Tyco Electronics FE150H Datasheet HTML 2Page - Tyco Electronics FE150H Datasheet HTML 3Page - Tyco Electronics FE150H Datasheet HTML 4Page - Tyco Electronics FE150H Datasheet HTML 5Page - Tyco Electronics FE150H Datasheet HTML 6Page - Tyco Electronics FE150H Datasheet HTML 7Page - Tyco Electronics FE150H Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
4
Tyco Electronics Corp.
Technical Note
August 1997
High-Power Board-Mounted Power Modules
Thermal Mangement for
Basic Thermal Model
Another approach for analyzing thermal performance is
to model the overall thermal resistance of the module.
Total thermal resistance (
θ) is defined as the maximum
case temperature rise (
∆TC, max) divided by the PD of
the module:
where:
θ = total thermal resistance
∆TC, max = maximum case temperature rise
PD = power dissipated as heat
This can be represented by the simplified model shown
in Figure 9. In this model, PD,
∆TC, max, and θ are
analogous to current flow, voltage drop, and electrical
resistance, respectively, in Ohm’s law.
8-695(C)
Figure 9. Basic Thermal-Resistance Model
For FE-, FC-, and FW-Series 50 W to 200 W BMPMs,
the thermal-resistance value vs. air velocity has been
determined experimentally and is plotted in Figures 10
and 11 for a unit without a heat sink and with six of the
heat sinks mentioned in the previous section. Note that
the highest values on the curves represent natural
convection. In a system with free-flowing air and other
heat sources, there may be additional airflow.
8-696(C)
Figure 10. Heat-Sink Resistance Curves; Fins
Oriented Along Width
8-697(C)
Figure 11. Heat-Sink Resistance Curves; Fins
Oriented Along Length
Use an airflow measurement just upstream from the
module when determining
θ from these curves (see
Figure 4).
The following examples illustrate how the curves can
be used to determine thermal performance under
various airflow and heat-sink configurations.
Example A. Airflow Required to Maintain TC
An FC150A operates at IO = 20 A and TA = 50 °C with
no heat sink. Determine the airflow required to maintain
TC, max = 95 °C.
PD
≈ 22.5 W for the FC150A; therefore, the necessary
thermal resistance (
θ) is:
From Figure 10, the required airflow is 2.2 m/s (440 ft./min.)
θ
∆TC, max
PD
---------------------
=
BMPM
PD
= BMPM
THERMAL
RESISTANCE
5.0
4.0
3.0
2.0
1.0
0.0
NAT
CONV
0.5
(100)
1.0
(200)
1.5
(300)
2.0
(400)
2.5
(500)
AIR VELOCITY MEASURED IN m/s (ft./min.)
NO HEAT SINK
0.5 in. HEAT SINK
1 in. HEAT SINK
0.25 in. HEAT SINK
5.0
4.0
3.0
2.0
1.0
0.0
NAT
CONV
0.5
(100)
1.0
(200)
1.5
(300)
2.0
(400)
2.5
(500)
AIR VELOCITY MEASURED IN m/s (ft./min.)
NO HEAT SINK
0.5 in. HEAT SINK
1 in. HEAT SINK
0.25 in. HEAT SINK
θ
TC, max
TA
–
()
PD
-----------------------------------------
=
θ
95
50
–
()
22.5
------------------------
=
θ
2 °C/W
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com