Electronic Components Datasheet Search
  English  ▼

X  

FE150H Datasheet(PDF) 5 Page - Tyco Electronics

Part # FE150H
Description  Thermal Management for High-Power Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FE150H Datasheet(HTML) 5 Page - Tyco Electronics

  FE150H Datasheet HTML 1Page - Tyco Electronics FE150H Datasheet HTML 2Page - Tyco Electronics FE150H Datasheet HTML 3Page - Tyco Electronics FE150H Datasheet HTML 4Page - Tyco Electronics FE150H Datasheet HTML 5Page - Tyco Electronics FE150H Datasheet HTML 6Page - Tyco Electronics FE150H Datasheet HTML 7Page - Tyco Electronics FE150H Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Tyco Electronics Corp.
5
Technical Note
August 1997
High-Power Board-Mounted Power Modules
Thermal Mangement for
Basic Thermal Model (continued)
Example B. Determining TC
If an airflow of only 0.75 m/s (150 ft./min.) is available
for the same arrangement as in Example A, determine
TC when using the 0.5 in. heat sink oriented along the
length.
From Figure 11,
θ ≈ 1.3 °C/W; therefore, ∆TC is:
∆TC = PD (θ)
∆TC = 22.5 (1.3)
∆TC = 29.3 °C
and TC is:
TC = TA +
∆TC
TC = 50 + 29.3
TC = 79.3 °C
Detailed Thermal Model
Thermal resistance in the previous section includes
heat transfer by conduction, convection, and radiation
from the entire module to the surrounding environment.
Typically, the power module is soldered to a vertically
oriented PWB as shown in Figure 4. Although most of
the heat is transferred by convection and radiation from
the top mounting surface of the module, significant
amounts of heat are also removed by convection from
the sides of the module, and by conduction to the PWB
and then convection off of the opposite side of the
PWB. Heat flow paths in this configuration are shown in
Figure 12.
8-698(C)
Figure 12. Boundaries Contributing to Thermal
Resistance
θT = Convection resistance from module top to
ambient
θB = Convection and conduction resistance from
module bottom to ambient
θE = Convection resistance from edge to ambient
θH = Convection resistance from heat sink to
ambient
θR = Radiation resistance for entire module
θI = Contact (interface) resistance
When a heat sink is mounted to the top surface of a
module,
θT is equivalent to the sum of θH and θI:
θT = θH + θI
Several types of heat transfer cool the module. In a
fan-cooled environment, convection is the predominant
mode of heat transfer. Radiation is also important,
especially in natural convection. Conduction is
important when using unusual heat sinks or cold-plate
methods of cooling.
Convection Heat Transfer
Convection heat transfer is a function of the surface
area,
∆TC, and the heat transfer coefficient. A simplified
approach to convection cooling over a flat plate leads
to the following relationship:
where:
θ = thermal resistance
c = surface-dependent constant
v = airflow in m/s
Radiation Heat Transfer
Radiation is not dependent upon the airflow over the
module, but on the temperature difference between the
module and the surrounding environment. For a partic-
ular module type,
θ due to radiation can be determined
experimentally. For example, Tyco’s high-power mod-
ules operating at TC = 95 °C and TA = 25 °C, result in
θR ≈ 15 °C/W.
BMPM WITH
HEAT SINK
R
BLACK BODY
H
I
B
PWB
AIRFLOW
E
θ
c
v
0.5
---------
≈



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com