Electronic Components Datasheet Search
  English  ▼

X  

FMP008S104 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # FMP008S104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008S104 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button FMP008S104 Datasheet HTML 10Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 11Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 12Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 13Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 14Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
39
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMS016P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
316U double braided
FMS016S102
FMS016P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
doppelt geschirmt
FMS016S101
FMS016P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
316U double braided
FMS016S202
FMS016P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
doppelt geschirmt
FMS016S201
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches =  0,8 µm
200 microinches =  5 µm
Type
Ausführung
Innenleiter
Inner Conductor
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel RG-
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Order Number
Receptacles
Order Number
Plug
Bestellnummer
Stecker
FMX058P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX058S102
FMX058P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX058S101
FMX058P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FMX058S202
FMX058P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FMX058S201
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches =  0,8 µm
200 microinches =  5 µm
179BU, 196AU, 404U
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
179BU, 196AU, 404U
Type
Ausführung
Innenleiter
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel RG-
FMSKoaxialkontakte,50Ohm,geraderKabelanschluss,Pindurchmesser0,75mm
FMS Coaxial Contacts, 50 Ohm, Straight Cable Termination, Pin Diameter 0.75 mm (0.030”)
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
approx.
ca.
FMS016...
0,6
1,9
2,7
3,5
9,3
4,3
3,0
14,4
9,0
9,5
19,9
(0.024)
(0.075)
(0.106)
(0.138)
(0.366)
(0.169)
(0.118)
(0.567)
(0.354)
(0.374)
(0.783)
FMX058...
0,85
1,2
1,4
2,3
9,5
5,0
3,0
11,2
9,0
9,5
17
(0.033)
(0.047)
(0.055)
(0.091)
(0.374)
(0.197)
(0.118)
(0.441)
(0.354)
(0.374)
(0.669)
Dimensions
Abmessungen
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Crimp termination
Crimp termination
Crimpen
Crimpen
Crimp snap-in system
Crimp Snap-in System
FMXKoaxialkontakte,50Ohm,geraderKabelanschluss,Pindurchmesser0,75mm
FMX Coaxial Contacts, 50 Ohm, Straight Cable Termination, Pin Diameter 0.75 mm (0.030”)
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
—
Crimp termination
Crimpen
Solder termination
Solder termination
Löten
Löten



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com