Electronic Components Datasheet Search
  English  ▼

X  

FMP008S104 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FMP008S104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008S104 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FMP008S104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 18Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 19Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 20Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 21Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 22Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 23Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
45
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FME001P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME001S102
FME001P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME001S101
FME001P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME001S108
FME001P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FME001S202
FME001P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FME001S201
FME018P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME018S102
FME018P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME018S101
FME018P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME018S108
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
30 microinches =  0,8 µm
200 microinches =  5 µm
Type FME018... for use with D-Sub shell size 5 only.
Typ FME018... nur zur Verwendung in D-Sub Gehäusegröße 5.
Type
Ausführung
Innenleiter
Inner Conductor
Bestellnummer
Steckdose
Outer Conductor
Outer Conductor
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Außenleiter
Dimensions of an Example Connector with Coaxial Contacts FME001P... (Shell Sizes 1 - 4) or FME018P... and Signal Contacts P5
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakten FME001P... (Gehäusegröße 1 - 4) oder FME018P... und Signalkontakten P5
FME Coaxial Contacts, 75 Ohm, Right Angled PCB Termination, 3 Pins
FME Koaxialkontakte, 75 Ohm, abgewinkelter Leiterplattenanschluss, 3 Anschlüsse
Order Number
A
B
C
D
Bestellnummer
FME001...
13,8
9,3
20,7
21,2
(0.543)
(0.366)
(0.815)
(0.835)
FME018...
16,8
11,8
23,2
23,7
(0.661)
(0.465)
(0.913)
(0.933)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com