Electronic Components Datasheet Search
  English  ▼

X  

FMP008S104 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # FMP008S104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008S104 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button FMP008S104 Datasheet HTML 31Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 32Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 33Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 34Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 35Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 36Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 37Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 38Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 39Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
61
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Platings / Oberflächen
Mating Area
Termination Area
Steckbereich
Anschlussbereich
Order Number
Type
Inner Conductor
Outer Conductor Inner Conductor Outer Conductor
Order Number
Plug
Receptacles
Bestellnummer
Ausführung
Innenleiter
Außenleiter
Innenleiter
Außenleiter
Bestellnummer
Stecker
Steckdose
FBM006P154MR
CuBe
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FBM006S154UR
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
30 microinches = 0,8 µm
200 microinches = 5 µm
FBM Coaxial Contacts, 50 Ohm, Straight PCB Termination, 3 Pins
FBMKoaxialkontakte,50Ohm,geraderLeiterplattenanschluss,3Anschlüsse
Dimensions of an Example Connector with Coaxial Contact FBM006P... and Signal Contacts P22
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakt FBM006P...... und Signalkontakten P22
Order Number
A
B
C
Bestellnummer
FBM006P...M
6,5
4,4
10,0
(0.256)
(0.173)
(0.394)
FBM006S...U
6,7
4,4
10,1
(0.264)
(0.173)
(0.398)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com