Electronic Components Datasheet Search
  English  ▼

X  

FMP008S104 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FMP008S104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008S104 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FMP008S104 Datasheet HTML 12Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 13Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 14Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 18Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 19Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
41
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FME010P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME010S102
FME010P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME010S101
FME010P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME010S108
FME010P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FME010S202
FME010P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FME010S201
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
30 microinches = 0,8 µm
200 microinches = 5 µm
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Type
Ausführung
Innenleiter
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Bestellnummer
Steckdose
Outer Conductor
FME Coaxial Contacts, 50 Ohm, Straight PCB Termination, 3 Pins
FME Koaxialkontakte, 50 Ohm, gerader Leiterplattenanschluss, 3 Anschlüsse
Dimensions of an Example Connector with Coaxial Contact FME010P... and Signal Contacts P1
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakt FME010P... und Signalkontakten P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com