Electronic Components Datasheet Search
  English  ▼

X  

FMP008S104 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FMP008S104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008S104 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FMP008S104 Datasheet HTML 13Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 14Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 18Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 19Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 20Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
42
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FME008P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME008S102
FME008P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME008S101
FME008P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME008S108
FME008P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FME008S202
FME008P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FME008S201
FME020P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME020S102
FME020P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME020S101
FME020P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME020S108
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
30 microinches =  0,8 µm
200 microinches =  5 µm
Type FME020... For use with D-Sub shell size 5 only.
Typ FME020... Nur zur Verwendung in D-Sub Gehäusegröße 5.
Type
Ausführung
Innenleiter
Inner Conductor
Außenleiter
Innenleiter
Außenleiter
Bestellnummer
Steckdose
Outer Conductor
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Order Number
Receptacles
Dimensions of an Example Connector with Coaxial Contacts FME008P... or FME020P... and Signal Contacts P5
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakten FME008P... oder FME020P... und Signalkontakten P5
FME Coaxial Contacts, 50 Ohm, Right Angled PCB Termination, 3 Pins
FME Koaxialkontakte, 50 Ohm, abgewinkelter Leiterplattenanschluss, 3 Anschlüsse
Order Number
A
B
C
D
Bestellnummer
FME008...
13,8
9,3
20,7
21,2
(0.543)
(0.366)
(0.815)
(0.835)
FME020...
16,8
11,8
23,2
23,7
(0.661)
(0.465)
(0.913)
(0.933)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com