Electronic Components Datasheet Search
  English  ▼

X  

FMP008S104 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # FMP008S104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008S104 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button FMP008S104 Datasheet HTML 30Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 31Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 32Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 33Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 34Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 35Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 36Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 37Page - List of Unclassifed Manufacturers FMP008S104 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
59
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FBM002P154M
CuBe
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
316, double braided
doppelt geschirmt
FBM002S154U
FBM003P154M
CuBe
1,3 µm Au
1,3 µm Au
1,3 µm Au
0,2 µm Au
316
FBM003S154U
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches =  0,8 µm
200 microinches =  5 µm
Type
Ausführung
Innenleiter
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel RG-
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
FBM Coaxial Contacts, 50 Ohm, Straight Cable Termination
FBMKoaxialkontakte,50Ohm,geraderKabelanschluss
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
L
Bestellnummer
max.
max.
max.
max.
FBM002P...
0,55
1,55
2,5
3,5
9,5
5,0
3,0
11,3
10,0
16,7
(0.022)
(0.061)
(0.098)
(0.138)
(0.374)
(0.197)
(0.118)
(0.445)
(0.394)
(0.657)
FBM002S...
0,55
1,55
2,5
3,5
9,5
5,0
3,0
11,5
10,1
16,9
(0.022)
(0.061)
(0.098)
(0.138)
(0.374)
(0.197)
(0.118)
(0.453)
(0.398)
(0.665)
FBM003P...
0,55
1,55
2,2
3,2
9,5
5,0
3,0
11,3
10,0
16,7
(0.022)
(0.061)
(0.087)
(0.126)
(0.374)
(0.197)
(0.118)
(0.445)
(0.394)
(0.657)
FBM003S...
0,55
1,55
2,2
3,2
9,5
5,0
3,0
11,5
10,1
16,9
(0.022)
(0.061)
(0.087)
(0.126)
(0.374)
(0.197)
(0.118)
(0.453)
(0.398)
(0.665)
Dimensions
Abmessungen
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
—
Crimp termination
Crimpen
Solder termination
Solder termination
Löten
Löten



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com