Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 18Page - Texas Instruments TMS470MF06607 Datasheet HTML 19Page - Texas Instruments TMS470MF06607 Datasheet HTML 20Page - Texas Instruments TMS470MF06607 Datasheet HTML 21Page - Texas Instruments TMS470MF06607 Datasheet HTML 22Page - Texas Instruments TMS470MF06607 Datasheet HTML 23Page - Texas Instruments TMS470MF06607 Datasheet HTML 24Page - Texas Instruments TMS470MF06607 Datasheet HTML 25Page - Texas Instruments TMS470MF06607 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
Table 3-5. MibADC Event Hookup Configuration
SOURCE SELECT BITS for G1 or EVENT
EVENT NO.
SIGNAL PIN NAME
(G1SRC[2:0] or EVSRC[2:0])
1
000
ADEVT
2
001
HET[1]
3
010
HET[3]
4
011
HET[16](1)
5
100
HET[18](1)
6
101
HET[24](2)
7
110
HET[26](1)
8
111
HET[28](1)
(1)
These channels are available as internal signals even if they are not included as pins (Figure 1-1).
(2)
During debug modes, the state of TDO will affect the state of the HET[24] input buffer.
3.6
MibSPI
The multi-buffered serial peripheral interface module allows CPU independent SPI communications with
system peripherals.
The MibSPI1 module can support up to 16 transfer groups and 8 chip selects. In addition, up to 4 data
formats can be supported allowing assignment of various formats to each transfer group.
The MiBSPIP2 module can support up to 8 transfer groups, 4 chip selects, and up to 4 data formats.
3.6.1
MIBSPI Event Trigger
The MibSPI module has the ability to automatically trigger SPI events based on internal and external
event triggers.
The trigger sources can be selected individually for each transfer group from the options identified in
Table 3-6.
Table 3-6. MibSPI1 and MibSPIP2 Event Hookup Configuration
SOURCE SELECT BITS FOR MIBSPI
EVENT NO.
EVENTS
SIGNAL PIN NAME
TGXCTRL TRIGSRC[3:0]
Disabled
0000
No trigger source
EVENT0
0001
GIOA[0](1)
EVENT1
0010
GIOA[1](1)
EVENT2
0011
GIOA[2](1)
EVENT3
0100
GIOA[3](1)
EVENT4
0101
GIOA[4]
EVENT5
0110
GIOA[5]
EVENT6
0111
HET[20](1)
EVENT7
1000
HET[21](1)
EVENT8
1001
HET[22](1)
EVENT9
1010
HET[23](1)
EVENT10
1011
HET[28](1)
EVENT11
1100
HET[29](1)
EVENT12
1101
HET[30](1)
EVENT13
1110
HET[31](1)
EVENT14
1111
Internal Tick Counter
(1)
These channels are available as internal signals even if they are not included as pins (Figure 1-1).
22
Device Configuration
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com