Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments TMS470MF06607 Datasheet HTML 43Page - Texas Instruments TMS470MF06607 Datasheet HTML 44Page - Texas Instruments TMS470MF06607 Datasheet HTML 45Page - Texas Instruments TMS470MF06607 Datasheet HTML 46Page - Texas Instruments TMS470MF06607 Datasheet HTML 47Page - Texas Instruments TMS470MF06607 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
1
ECLK
2
1
4
TCLK
TDO
TMS
TDI
1
2
3
5
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
5.2.4.1
ECLK Specification
Table 5-11. Switching Characteristics Over Recommended Operating Conditions for External Clocks(1)(2)
(see Figure 5-9)
NO.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Pulse duration, ECLK
Under all prescale factor combinations
1
tw(EOL)
0.5tc(ECLK) - tf
ns
low
(X and N)
Pulse duration, ECLK
Under all prescale factor combinations
2
tw(EOH)
0.5tc(ECLK) - tr
ns
high
(X and N)
(1)
X = {1,2,3,4,5,6,7,8,9,10,11,12,13,14,15,16}. X is the VBUS interface clock divider ratio determined by the CLKCNTL.[19:16] bits in the
SYS module.
(2)
N = {1 to 65536}. N is the ECP prescale value defined by the ECPCNTL.[15:0] register bits in the SYS module.
Figure 5-9. ECLK Timing Diagram
5.2.5
JTAG Timing
Table 5-12. JTAG Scan Interface Timing (JTAG Clock specification 10-MHz and 50-pF Load on TDO
Output)
(see Figure 5-10
NO.
MIN
MAX
UNIT
1
tc(JTAG)
Cycle time, JTAG low and high period
50
ns
2
tsu(TDI/TMS - TCKr)
Setup time, TDI, TMS before TCK rise (TCKr)
5
ns
3
th(TCKr -TDI/TMS)
Hold time, TDI, TMS after TCKr
5
ns
4
th(TCKf -TDO)
Hold time, TDO after TCKf
5
ns
5
td(TCKf -TDO)
Delay time, TDO valid after TCK fall (TCKf)
45
ns
Figure 5-10. JTAG Scan Timings
44
Peripheral Information and Electrical Specifications
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com