Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 30Page - Texas Instruments TMS470MF06607 Datasheet HTML 31Page - Texas Instruments TMS470MF06607 Datasheet HTML 32Page - Texas Instruments TMS470MF06607 Datasheet HTML 33Page - Texas Instruments TMS470MF06607 Datasheet HTML 34Page - Texas Instruments TMS470MF06607 Datasheet HTML 35Page - Texas Instruments TMS470MF06607 Datasheet HTML 36Page - Texas Instruments TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
Electrical Characteristics Over Recommended Operating Free-Air Temperature Range, Q
Version(1)(2) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICCIOR
HCLK = 80 MHz,
VCCIOR IO and digital supply current (operating
VCLK = 80 MHz, No
120
mode, internal regulator enabled)
DC load, VCCIOR =
3.6 V(5)(6)
HCLK = 80 MHz,
VCLK = 80 MHz,
VCCIOR IO and digital supply current (LBIST
STCCLK = 40 MHz,
170
execution, internal regulator enabled)(7)
No DC load, VCCIOR
mA
= 3.6 V(6)
HCLK = 80 MHz,
VCCIOR IO and digital supply current (MBIST
VCLK = 80 MHz, No
180
execution, internal regulator enabled)(8)
DC load, VCCIOR =
3.6 V(6)
VCCIOR IO and digital supply current (doze
No DC load, VCCIOR
2(10)
mode, internal regulator enabled)
= 3.6 V(6)(9)
VCCIOR IO and digital supply current (sleep
No DC load, VCCIOR
200(10)
µA
mode, internal regulator enabled)
= 3.6 V(6)(9)
ICCAD
All frequencies,
VCCAD supply current (operating mode)
8
mA
VCCAD = 3.6 V
(11)
ICCP
VCCP = 3.6 V read
10
operation(5)
VCCP pump supply current
VCCP = 3.6 V
mA
75
program(11)
VCCP = 3.6 V erase
75
ICCTOTAL
(12)
HCLK = 80 MHz,
VCCIOR + VCCAD + VCCP total digital supply
VCLK = 80 MHz, No
current (operating mode, internal regulator
135
DC load, VCCIOR =
enabled)
mA
3.6 V(5)(6)
VCCIOR + VCCAD + VCCP total digital supply
No DC load, VCCIOR
2(10)
current (doze mode, internal regulator enabled)
= 3.6 V(6)(9)
VCCIOR + VCCAD + VCCP total digital supply
No DC load, VCCIOR
200(10)
µA
current (sleep mode, internal regulator enabled) = 3.6 V(6)(9)
CI
Input capacitance
6
pF
CO
Output capacitance
7
pF
(6)
I/O pins configured as inputs or outputs with no load. All pulldown inputs
≤ 0.2 V. All pullup inputs ≥ VCCIO - 0.2 V. ECLK output ≤
2 MHz.
(7)
LBIST current specified is peak current for the maximum supported operating clock (HCLK = 80 MHz) and STC CLK = HCLK/2. Lower
current consumption can be achieved by configuring a slower STC Clock frequency. The current peak duration can last for the duration
of 1 LBIST test interval.
(8)
MBIST currents specified are for execution of MBIST on all RAMs in parallel. Lower current consumption can be achieved by sequenced
execution of MBIST on each of the RAM spaces available.
(9)
For Flash banks/pumps in sleep mode.
(10) Typical doze and sleep currents represent measurements under nominal conditions (baseline/nominal material, 30
°C, 3.3 V).
(11) Assumes reading from one bank while programming the same bank.
(12) Total device operating current is derived from the total ICCIOR, ICCAD, and ICCP in normal operating mode excluding MBIST and LBIST
execution. It is expected that the total will be less than the sums of the values of the individual components due to statistical calculations
involved in producing the specification values.
34
Device Operating Conditions
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com