Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments TMS470MF06607 Datasheet HTML 43Page - Texas Instruments TMS470MF06607 Datasheet HTML 44Page - Texas Instruments TMS470MF06607 Datasheet HTML 45Page - Texas Instruments TMS470MF06607 Datasheet HTML 46Page - Texas Instruments TMS470MF06607 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Address Waitstates
Data Waitstates
RAM
Address Waitstates
Data Waitstates
Flash
0MHz
0MHz
0MHz
0MHz
f(HCLK)
f(HCLK)
f(HCLK)
f(HCLK)
56MHz
28MHz
0
1
2
0
0
0
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 5-10. Switching Characteristics Over Recommended Operating Conditions for Clocks(1)(2)(3)(4)(5)
PARAMETER
TEST CONDITIONS(6)
MIN
MAX
UNIT
Pipeline mode enabled
80
f(HCLK)
System clock frequency
MHz
Pipeline mode disabled, 0
28
flash wait states
System clock frequency Flash
80
f(PROG/ERASE)
MHz
programming/erase
f(VCLK/VCLK2)
Peripheral VBUS clock frequency
f(HCLK)
MHz
External clock output frequency for
20
f(ECLK)
MHz
ECP Module
RCLK - Frequency out of PLL macro
180
f(RCLK)
MHz
into R-divider
Pipeline mode enabled
12.50
tc(HCLK)
Cycle time, system clock
ns
Pipeline mode disabled, 0
35.71
flash wait states
Cycle time, system clock - Flash
12.50
tc(PROG/ERASE)
ns
programming/erase
tc(VCLK/VCLK2)
Cycle time, peripheral clock
tc(HCLK)
ns
Cycle time, ECP module external clock
50.0
tc(ECLK)
ns
output
Cycle time, minimum input cycle time
5.56
tc(RCLK)
ns
for the R- divider (RCLK)
(1)
f(HCLK) = f(OSC) / NR *NF /ODPLL/PLLDIV; for details, see the PLL documentation. TI strongly recommends selection of NR and NF
parameters such that NF
≤ 120 and (f(OSC) / NR *NF) ≤ 400.
f(VCLK) = f(HCLK) / X, where X = {1,2,3,4,5,6,7,8,9,10,11,12,13,14,15,16}. X is the peripheral VBUS clock divider ratio determined by the
VCLKR[3:0] bits in the SYS module.
(2)
Enabling FM mode can reduce maximum rated operating frequencies. The degree of impact is application-specific and the specific
settings, as well as the impact of the settings, should be discussed and agreed upon prior to using FM modes. Use of FM modes do not
impact the maximum rated external clock output, f(ECLK), for the ECP module.
(3)
Pipeline mode enabled or disabled is determined by FRDCNTL[2:0].
(4)
f(ECLK) = f(VCLK) / N, where N = {1 to 65536}. N is the ECP prescale value defined by the ECPCTRL.[15:0] register bits in the ECP
module.
(5)
ECLK output will increase radiated emissions within the system that is used. Rated emissions at the device level do not include
emissions due to ECLK output.
(6)
All test conditions assume FM Mode disabled and RAM ECC enabled with 0 waitstates for RAM.
Figure 5-8. Timing - Wait States
NOTE
If FMzPLL frequency modulation is enabled, special care must be taken to ensure that the
maximum system clock frequency f(HCLK) and peripheral clock frequency f(VCLK) are not
exceeded. The speed of the device clocks may need be derated to accommodate the
modulation depth when FMzPLL frequency modulation is enabled.
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
43
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com