Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments TMS470MF06607 Datasheet HTML 12Page - Texas Instruments TMS470MF06607 Datasheet HTML 13Page - Texas Instruments TMS470MF06607 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
Table 2-3. Memory Initialization and MBIST
ADDRESS RANGE
MEMORY INITIALIZATION
MBIST CONTROLLER
CONNECTING MODULE
CHANNEL
ENABLE CHANNEL
BASE ADDRESS
ENDING ADDRESS
System RAM
0x08000000
0x0800FFFF
0
0
MibSPI1 RAM
0xFF0E0000
0xFF0FFFFF
1
1 or 2(1)
MibSPIP2 RAM
0xFF0C0000
0xFF0DFFFF
2
DCAN1 RAM
0xFF1E0000
0xFF1FFFFF
3
3 or 4(1)
DCAN2 RAM
0xFF1C0000
0xFF1DFFFF
4
ADC RAM
0xFF3E0000
0xFF3FFFFF
5
5
HET RAM
0xFF460000
0xFF47FFFF
Not Available
6
STC ROM
Not Applicable
Not Applicable
Not Applicable
7
(1)
There are single MBIST controllers for both MibSPI RAMs and both DCAN RAMs. The MBIST controller for both MibSPI RAMs is
mapped to channels 1 and 2 and the MBIST controller for both DCAN RAMs is mapped to channels 3 and 4. MBIST on these modules
can be initiated by selecting one of the 2 channels or both.
Table 2-4. Peripheral Memory Chip Select Assignment
ADDRESS RANGE
PERIPHERAL
CONNECTING MODULE
SELECTS
BASE ADDRESS
ENDING ADDRESS
MibSPI1 RAM
0xFF0E0000
0xFF0FFFFF
PCS[7]
MibSPIP2 RAM
0xFF0C0000
0xFF0DFFFF
PCS[6]
DCAN1 RAM
0xFF1E0000
0xFF1FFFFF
PCS[14]
DCAN2 RAM
0xFF1C0000
0xFF1DFFFF
PCS[15]
ADC RAM
0xFF3E0000
0xFF3FFFFF
PCS[31]
HET RAM
0xFF460000
0xFF47FFFF
PCS[35]
NOTE
All used peripheral memory chip selects should decode down to the smallest possible
address for this particular peripheral configuration, starting from 4kB upwards. Unused
addresses should generate an illegal address error when accessed.
Table 2-5. System Peripheral Registers
ADDRESS RANGE
FRAME NAME
FRAME START ADDRESS
FRAME ENDING ADDRESS
PSA
0xFE00_0000
0xFEFF_FFFF
Flash Wrapper Registers
0xFFF8_7000
0xFFF8_7FFF
PCR Register
0xFFFF_E000
0xFFFF_E0FF
System Frame 2 Registers
0xFFFF_E100
0xFFFF_E1FF
CPU STC (LBIST)
0xFFFF_E400
0xFFFF_E4FF
ESM Register
0xFFFF_F500
0xFFFF_F5FF
RAM ECC Register
0xFFFF_F900
0xFFFF_F9FF
RTI Register
0xFFFF_FC00
0xFFFF_FCFF
VIM Register
0xFFFF_FE00
0xFFFF_FEFF
System Registers
0xFFFF_FF00
0xFFFF_FFFF
10
Device Overview
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com