Electronic Components Datasheet Search
  English  ▼

X  

TMS470MF06607 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470MF06607
Description  16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 31Page - Texas Instruments TMS470MF06607 Datasheet HTML 32Page - Texas Instruments TMS470MF06607 Datasheet HTML 33Page - Texas Instruments TMS470MF06607 Datasheet HTML 34Page - Texas Instruments TMS470MF06607 Datasheet HTML 35Page - Texas Instruments TMS470MF06607 Datasheet HTML 36Page - Texas Instruments TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
V
CCIOR
V
CCIOPORH
V
CCPORH
V
CC
V
CCIOPORL
V
CCPORL
V
IL(PORRST)
V
IL
V
IL
V
IL
V
IL
V
IL(PORRST)
V
CCIOR
V
CC
V
CCPORH
V
CCIOPORH
V
CCIOPORL
V
CCPORL
9
6
6
8
5
3
7
7
10
11
PORRST
V
(1.55 V)
V
/V
(3.3 V)
CC
CCP
CCIOR
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
5
Peripheral Information and Electrical Specifications
5.1
RST and PORRST Timings
(13)
(13) When the VCC timing requirements for PORRST are satisfied, there are no timing requirements for VCCP.
Table 5-1. Timing Requirements for PORRST
(see Figure 5-1)
NO.
MIN
MAX
UNIT
VCCPORL
VCC low supply level when RST becomes active
1.30
V
VCCPORH
VCC high supply level when RST becomes active
1.80
V
VCCIOPORL
VCCIO low supply level when PORRST must be active during power
1.1
V
up
VCCIOPORH
VCCIO high supply level when PORRST must remain active during
3.0
V
power up and become active during power down
VIL
(1)
Low-level input voltage after VCCIOR > VCCIOPORH
0.2 VCCIOR
V
VOH
(2)
High-level output voltage after VCCIOR > VCCIOPORH
0.8 VCCIOR
V
VIL(PORRST)
Low-level input voltage of PORRST before VCCIOR > VCCIOPORL
0.5
V
3
tsu(PORRST)r
Setup time, PORRST active before VCCIOR > VCCIOPORL during
0
ms
power up
5
tsu(VCCIOR)r
Setup time, VCCIOR > VCCIOPORL before VCC > VCCPORL
0
ms
6
th(PORRST)r
Hold time, PORRST active after VCC > VCCPORH
1
ms
7
tsu(PORRST)f
Setup time, PORRST active before VCC ≤ VCCPORH during power
µs
8
down
8
th(PORRST)rio
Hold time, PORRST active after VCCIOR > VCCIOPORH
1
ms
9
th(PORRST)d
Hold time, PORRST active after VCCIOR < VCCIORPORL
0
ms
10
tsu(PORRST)fio
Setup time, PORRST active before VCC ≤ VCCIOPORH during power
0
ns
down
11
tsu(VCCIO)f
Setup time, VCC < VCCPORE before VCCIO < VCCIOPORL
0
ns
tf(PORRST)
Filter time PORRST, pulses less than MIN get filtered out; pulses
30
150
ns
greater than MAX generate a reset.
tf(RST)
Filter time RST, pulses less than MIN get filtered out; pulses
40
150
ns
greater than MAX generate a reset.
(1)
Corresponds to PORRST.
(2)
Corresponds to RST.
Note: VCC is provided by the on-chip voltage regulator during normal application run time. It is not recommended to
use the device in an application with the Vreg disabled due to potential glitching issues; however, if used in this mode,
the application should ensure that the specified voltage ranges for VCC are maintained.
Figure 5-1. PORRST Timing Diagram
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
35
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com