Electronic Components Datasheet Search
  English  ▼

X  

LM3519 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Datasheet(HTML) 2 Page - Texas Instruments

  LM3519 Datasheet HTML 1Page - Texas Instruments LM3519 Datasheet HTML 2Page - Texas Instruments LM3519 Datasheet HTML 3Page - Texas Instruments LM3519 Datasheet HTML 4Page - Texas Instruments LM3519 Datasheet HTML 5Page - Texas Instruments LM3519 Datasheet HTML 6Page - Texas Instruments LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
6
1
5
3
4
LM3519
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
www.ti.com
Connection Diagram
6-Lead SOT23 Package
Figure 2. Top View
Pin Functions
Table 1. Pin Descriptions
Pin #
Name
Description
1
En
Device Enable Connection
2
Gnd
Ground Connection
3
VOUT
Output Voltage Connection
4
LED_rtn
White LED Current Sensing Input Connection
5
SW
Drain Connection of the Internal Power Field Effect Transistor (FET) Switch
6
VIN
Input or Supply Voltage Connection
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN , En, & LED_rtn Pin
−0.3V to +6.5V
VOUT , Sw Pin
−0.3V to +21V
Maximum Junction Temperature,
(TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
ESD Rating(2)
Human Body Model:
2kV
Machine Model:
200V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed limits. For guaranteed performance limits and
associated test conditions, see the Electrical Characteristics table.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
Operating Ratings
(1)
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
−40°C to +85°C
Input Voltage Range
2.7V to 5.5V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed limits. For guaranteed performance limits and
associated test conditions, see the Electrical Characteristics table.
Thermal Properties
(2)
Junction-to-Ambient Thermal Resistance (
θJA)
220°C/W
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power
dissipation at any ambient temperature is calculated using: PD(MAX) = (TJ(MAX) – TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature.
2
Submit Documentation Feedback
Copyright © 2005, Texas Instruments Incorporated
Product Folder Links: LM3519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com