Electronic Components Datasheet Search
  English  ▼

X  

LM3519 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments LM3519 Datasheet HTML 10Page - Texas Instruments LM3519 Datasheet HTML 11Page - Texas Instruments LM3519 Datasheet HTML 12Page - Texas Instruments LM3519 Datasheet HTML 13Page - Texas Instruments LM3519 Datasheet HTML 14Page - Texas Instruments LM3519 Datasheet HTML 15Page - Texas Instruments LM3519 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LM3519
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
www.ti.com
Table 3. Recommended Inductor Manufacturers Include but are not Limited to:
Manufacturer
L
Case Size
ISAT
CoilCraft:
2.1A
1µH
DO3314-102
3.3x3.3x1.4mm
DO3314-222
2.2µH
1.6A
DO3314-332
3.3µH
1.4A
Coilcraft:
1.6A
1µH
LPO3310-102ML
3.3x3.3x1.0 mm
LPO3310-222ML
2.2µH
1.1A
LPO3310-332ML
3.3µH
0.95A
Cooper:
2.07A
1µH
SD31121R0
3.1x3.1x1.4 mm
SD3114-2R2
2.2µH
1.48A
SD3114-3R3
3.3uH
1.15A
Taiyo Yuden:
2.1A
1µH
NR3015T1R0N
3.0x3.0x1.5 mm
NR3015T2R2M
2.2µH
1.48A
NR3015T3R3M
3.3µH
1.21A
12
Submit Documentation Feedback
Copyright © 2005, Texas Instruments Incorporated
Product Folder Links: LM3519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com