Electronic Components Datasheet Search
  English  ▼

X  

LM3519 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3519 Datasheet HTML 3Page - Texas Instruments LM3519 Datasheet HTML 4Page - Texas Instruments LM3519 Datasheet HTML 5Page - Texas Instruments LM3519 Datasheet HTML 6Page - Texas Instruments LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments LM3519 Datasheet HTML 10Page - Texas Instruments LM3519 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2.7
3.0
3.3
3.6
3.9
4.2
4.5
VIN (V)
1 PH
3.3 PH
2.2 PH
4 LEDS
100
150
200
250
300
350
400
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
3.3 PH
2.2 PH
1 PH
1.5
4.5
6.0
7.5
9.0
10.5
3.0
4 LEDs
2.7
3.0
3.3
3.6
3.9
4.2
4.5
VIN (V)
2 LEDS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
3.3 PH
2.2 PH
1 PH
4.0
5.0
6.0
7.0
8.0
9.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
-40°C and 85°C
4 LEDs
1 PH,
25°C
10
20
30
40
50
60
70
80
90 100
DUTY CYCLE (%)
1
4
7
10
13
16
19
22
25
50 kHz
20 kHz
30 kHz
EN = 20 kHz, 30 kHz, and 50 kHz
2.7
3.0
3.3
3.6
3.9
4.2
4.5
VIN (V)
3.3 PH
3 LEDS
2.2 PH
1 PH
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
LM3519
www.ti.com
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
Typical Performance Characteristics (continued)
(See Figure 1: VIN = 3.6V, CIN = 4.7µF and COUT = 1µF, L = 2.2µH and 4 LEDs. TA = +25°C, unless otherwise stated.)
IOUT
vs
Switching Frequency
PWM Duty Cycle
vs
(VIN = 3.6V, L = 1µH)
VIN
Switching Frequency
Switching Frequency
vs
vs
VIN
VIN
Switching Frequency
Peak Inductor Current
vs
vs
VIN
VIN
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com