Electronic Components Datasheet Search
  English  ▼

X  

LM3519 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3519 Datasheet HTML 9Page - Texas Instruments LM3519 Datasheet HTML 10Page - Texas Instruments LM3519 Datasheet HTML 11Page - Texas Instruments LM3519 Datasheet HTML 12Page - Texas Instruments LM3519 Datasheet HTML 13Page - Texas Instruments LM3519 Datasheet HTML 14Page - Texas Instruments LM3519 Datasheet HTML 15Page - Texas Instruments LM3519 Datasheet HTML 16Page - Texas Instruments LM3519 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
1 PH
3.3 PH
1.5 PH
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
2 LEDs
LM3519
www.ti.com
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
DIODE SELECTION
Diodes with low forward voltage ratings (VF) and low junction capacitance magnitudes (CJ or CT or CD) are
conducive to high efficiency. The chosen diode must have a reverse breakdown voltage rating (VR and/or VRRM)
that is larger than the output voltage. The following criteria should be followed when choosing a diode:
1. VR (Diode Blocking Voltage Range) and VRRM (Diode Peak Repetitive Reverse Voltage Rating) > VOUT
(Output Voltage)
2. IF or IO (Diode Average Forward Current Rating) ≥ ILOAD (Load Current)
3. IFRM (Diode Peak Repetitive Forward Current Rating) ≥ ILpeak (Peak Inductor Current)
Table 4. Recommended Diode Manufacturers Include but are not Limited to:
Manufacturer
Description
Vishay
SS12(1A/20V)
SS14(1A/40V)
SS16(1A/60V)
Central Semiconductor
CMSH1- 40M(1A/40V)
ONSemi
MBRS1540T3(1.5A/40V)
PWM DIMMING
The LED current is set internally by the LM3519 to 20mA (typical); dimming control may be realized by applying
a pulse width modulated(PWM) signal to the En pin. For example, a 50% duty cycle waveform will produce an
average current of 10mA. A control signal frequency between 17kHz and 30kHz is suitable for dimming.
Although the LM3519 is capable of operation outside this frequency range, it is not recommended to operate
below 17kHz for the following reasons: 1) frequency below 100Hz is likely to cause visible flicker in the light
emitted by the LED string. 2) frequency below 17kHz may induce audible noise due to combinations of some
capacitance/PCB. A PWM frequency above 30kHz is possible but the current linearity vs duty cycle will be
affected.
If it is not possible to operate the dimming control above 17kHz, audible noise emission may be minimized by
using capacitors with low susceptibility to piezoelectric induced stresses, such as poly film designs. Minimum
audible noise is most likely to occur when the PWM frequency is less than 2kHz. It is recommended that any
application using a PWM control signal below 17kHz be thoroughly evaluated for undesirable audible or visible
noise.
DRIVING 2 LEDs
The LM3519 is optimized to drive up to 4LEDs. When driving 2LEDs, a minimum inductance of 2.2µH is required
to maintain good loop regulation and current accuracy. If a smaller inductor is used, the LED current will have
more variation with input voltage than a typical application. The following curve illustrates the behavior.
Figure 4. IOUT vs VIN
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com