Electronic Components Datasheet Search
  English  ▼

X  

LM3519 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Datasheet(HTML) 4 Page - Texas Instruments

  LM3519 Datasheet HTML 1Page - Texas Instruments LM3519 Datasheet HTML 2Page - Texas Instruments LM3519 Datasheet HTML 3Page - Texas Instruments LM3519 Datasheet HTML 4Page - Texas Instruments LM3519 Datasheet HTML 5Page - Texas Instruments LM3519 Datasheet HTML 6Page - Texas Instruments LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
+
-
ERROR
AMPLIFIER
ON-TIME
GENERATOR
OVER
VOLTAGE
PROTECTION
DRIVER
LOGIC
CURRENT
LIMIT
R
S
R
Q
En
LED_rtn
Vout
Gnd
Vin
Sw
N2
Vin
N1
N3
Vin
IREF
VREF
1
2
3
4
5
6
LM3519
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
www.ti.com
Block Diagram
Figure 3. Block Diagram
Circuit Description
The LM3519 is a step-up converter for white LED applications that uses a unique and proprietary pulse
frequency modulation (PFM) architecture to optimize high efficiency at high frequency operation. Unlike most
PFM architecture implementations, the LM3519’s unique architectural implementation results in non-pulse
skipping variable frequency operation. The regulator is forced to operate at the edge of Continous Conduction
Mode (CCM). The error amplifier will set the end of the on-time (IPEAK of inductor) based on the load (LEDs)
current. During this operation, the inductor current ramps up and reaches a peak current at end of the on-time. At
this point, the internal power switch is turned off until the inductor current reaches zero, and the cycle repeats
again. The switching frequency is set based on the charge (on-time) and discharge(off-time) of the inductor
current. The frequency can range between 2MHz to 8MHz over the operating input range.
The LM3519 operation can be best understood through an examination of the block diagram in Figure 3. When
LED current is out of regulation, the LED_rtn voltage falls below or rises above the internal reference voltage
(VREF). The error amplifier will output a signal to increase or decrease the proper on-time duration of N1 power
FET. This correction allows the inductor's stored energy to increase or decrease to a sufficient level that when
transferred to the load will bring the LED_rtn current back into regulation.
During steady-state operation for a typical switching cycle, the oscillator sets the driver logic and turns on N1
power device. N1 conducts current through the inductor and reverse biases the external diode. The LED current
is supplied by the output capacitor when N1 is conducting. Once N1 on-time period is concluded, the internal
power device is turned off and the external diode is forward baised. The inductor current then flows through the
diode to the LED load to replenish the output capacitor and keep the LED current regulated at the trimmed
target.
4
Submit Documentation Feedback
Copyright © 2005, Texas Instruments Incorporated
Product Folder Links: LM3519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com