Electronic Components Datasheet Search
  English  ▼

X  

LM3519 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3519
Description  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments LM3519 Datasheet HTML 10Page - Texas Instruments LM3519 Datasheet HTML 11Page - Texas Instruments LM3519 Datasheet HTML 12Page - Texas Instruments LM3519 Datasheet HTML 13Page - Texas Instruments LM3519 Datasheet HTML 14Page - Texas Instruments LM3519 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM3519
www.ti.com
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
INDUCTOR SELECTION
In order to maintain sufficient inductance, the saturation current rating of the inductor used with the LM3519
should be higher than the peak inductor current in the target application. Inductors with low DCR values have
less power loss and higher efficiency. Larger inductor values such as 2.2µH and 3.3µH can be used to optimize
efficiency, frequency and peak current. If 1µH is used, the peak inductor current, frequency will be higher and the
efficiency will be lower. Note that the switching frequency ranges will be higher at lower inductance. Typical
frequency range is between 4 to 8MHz for 1µH, 2 to 5MHz for 2.2µH and 2 to 4MHz for 3.3µH over the input
range. Below is a sample list of low profile inductors.
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com