Electronic Components Datasheet Search
  English  ▼

X  

LM2772 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  Low-Ripple Switched Capacitor Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2772 Datasheet(HTML) 2 Page - Texas Instruments

  LM2772 Datasheet HTML 1Page - Texas Instruments LM2772 Datasheet HTML 2Page - Texas Instruments LM2772 Datasheet HTML 3Page - Texas Instruments LM2772 Datasheet HTML 4Page - Texas Instruments LM2772 Datasheet HTML 5Page - Texas Instruments LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
VIN
GND
VOUT
C3-
C3+
Top View
Bottom View
EN
C1+
C1-
C2+
C2-
EN
C1+
C1-
C2+
C2-
VIN
GND
VOUT
C3-
C3+
LM2772
SNVS486A – DECEMBER 2006 – REVISED MARCH 2007
www.ti.com
Connection Diagram
10-Pin Non-Pullback Leadless Frame Package (SON-10)
See Package Number DSC0010B
PIN DESCRIPTIONS
Pin #
Name
Description
1
VIN
Input Voltage: Recommended VIN operating range 3.0V to 5.5V.
2
GND
Ground
3
VOUT
Output Voltage
4
C3-
Flying Capacitor 3: Negative Terminal
5
C3+
Flying Capacitor 3: Positive Terminal
6
C2-
Flying Capacitor 2: Negative Terminal
7
C2+
Flying Capacitor 2: Positive Terminal
8
C1-
Flying Capacitor 1: Negative Terminal
9
C1+
Flying Capacitor 1: Positive Terminal
10
EN
Enable Pin Logic Input. Applying a logic HIGH voltage signal enables the part. A logic LOW
voltage signal places the the device in shutdown.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN Pin Voltage
-0.3V to 6.0V
EN Pin Voltage
-0.3V to (VIN+0.3V) w/ 6.0V max
Continuous Power Dissipation
Internally Limited
(4)
Junction Temperature (TJ-MAX)
150ºC
Storage Temperature Range
-65ºC to +150º C
Maximum Lead Temperature
265ºC
(5)
ESD Rating (6)
Human Body Model:
2.0kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
All voltages are with respect to the potential at the GND pins.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150ºC (typ.) and
disengages at TJ=140ºC (typ.).
(5)
For detailed information on soldering requirements and recommendations, please refer to National Semiconductor's Application Note
1187 (AN-1187): Leadless Leadframe Package (LLP).
(6)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. MIL-STD-883 3015.7
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM2772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com