Electronic Components Datasheet Search
  English  ▼

X  

LM2772 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  Low-Ripple Switched Capacitor Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2772 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2772 Datasheet HTML 4Page - Texas Instruments LM2772 Datasheet HTML 5Page - Texas Instruments LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments LM2772 Datasheet HTML 10Page - Texas Instruments LM2772 Datasheet HTML 11Page - Texas Instruments LM2772 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM2772
SNVS486A – DECEMBER 2006 – REVISED MARCH 2007
www.ti.com
Thermal Shutdown
Protection from damage related to overheating is achieved with a thermal shutdown feature. When the junction
temperature rises to 150ºC (typ.), the part switches into shutdown mode. The LM2772 disengages thermal
shutdown when the junction temperature of the part is reduced to 140ºC (typ.). Due to the high efficiency of the
LM2772, thermal shutdown and/or thermal cycling should not be encountered when the part is operated within
specified input voltage, output current, and ambient temperature operating ratings. If thermal cycling is seen
under these conditions, the most likely cause is an inadequate PCB layout that does not allow heat to be
sufficiently dissipated out of the SON package.
Current Limit Protection
The LM2772 charge pump contains current limit protection circuitry that protects the device during VOUT fault
conditions where excessive current is drawn. Output current is limited to 500mA (typ).
APPLICATION INFORMATION
Recommended Capacitor Types
The LM2772 requires 5 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance
(ESR,
≤ 15mΩ typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors generally
are not recommended for use with the LM2772 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with an X7R or X5R temperature characteristic are preferred for use
with the LM2772. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55ºC to 125ºC; X5R: ±15% over -55ºC to 85ºC).
Capacitors with a Y5V or Z5U temperature characteristic are generally not recommended for use with the
LM2772. These types of capacitors typically have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30ºC to +85ºC range; Z5U: +22%, -56% over +10ºC to
+85ºC range). Under some conditions, a 1µF-rated Y5V or Z5U capacitor could have a capacitance as low as
0.1µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM2772.
Net capacitance of a ceramic capacitor decreases with increased DC bias. This degradation can result in lower
capacitance than expected on the input and/or output, resulting in higher ripple voltages and currents. Using
capacitors at DC bias voltages significantly below the capacitor voltage rating will usually minimize DC bias
effects. Consult capacitor manufacturers for information on capacitor DC bias characteristics.
Capacitance characteristics can vary quite dramatically with different application conditions, capacitor types, and
capacitor manufacturers. It is strongly recommended that the LM2772 circuit be thoroughly evaluated early in the
design-in process with the mass-production capacitors of choice. This will help ensure that any such variability in
capacitance does not negatively impact circuit performance.
The table below lists some leading ceramic capacitor manufacturers.
Manufacturer
Contact Information
AVX
www.avx.com
Murata
www.murata.com
Taiyo-Yuden
www.t-yuden.com
TDK
www.component.tdk.com
Vishay-Vitramon
www.vishay.com
Output Capacitor and Output Voltage Ripple
The output capacitor in the LM2772 circuit (COUT) directly impacts the magnitude of output voltage ripple. Other
prominent factors also affecting output voltage ripple include input voltage, output current and flying capacitance.
Due to the complexity of the regulation topology, providing equations or models to approximate the magnitude of
the ripple can not be easily accomplished. But one important generalization can be made: increasing
(decreasing) the output capacitance will result in a proportional decrease (increase) in output voltage ripple.
8
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM2772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com