Electronic Components Datasheet Search
  English  ▼

X  

LM2772 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  Low-Ripple Switched Capacitor Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2772 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2772 Datasheet HTML 3Page - Texas Instruments LM2772 Datasheet HTML 4Page - Texas Instruments LM2772 Datasheet HTML 5Page - Texas Instruments LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments LM2772 Datasheet HTML 10Page - Texas Instruments LM2772 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM2772
www.ti.com
SNVS486A – DECEMBER 2006 – REVISED MARCH 2007
OPERATION DESCRIPTION
Overview
The LM2772 is a switched capacitor converter that produces a regulated, low voltage output. The core of the part
is a highly efficient charge pump that utilizes fixed frequency pre-regulation and Pulse Frequency Modulation to
minimize ripple and power losses over wide input voltage and output current ranges. A description of the
principal operational characteristics of the LM2772 is detailed in the Circuit Description, and Efficiency
Performance sections. These sections refer to details in the Block Diagram.
Circuit Description
The core of the LM2772 is a two-phase charge pump controlled by an internally generated non-overlapping
clock. The charge pump operates by using external flying capacitors C1, C2, and C3 to transfer charge from the
input to the output. At input voltages below 3.5V (typ.) the LM2772 operates in a 1/2x Gain, with the input current
being equal to 1/2 of the load current. At input voltages between 3.5V to 4.6V(typ.) the part utilizes a gain of 2/5x,
resulting in an input current equal to 2/5 times the load current. At input voltages above 4.6V (typ.), the part is in
a gain of 1/3, with the input current being 1/3 of the load current.
The two phases of the switched capacitor switching cycle will be referred to as the "charge phase" and the
"discharge phase". During the charge phase, the flying capacitor is charged by the input supply. After half of the
switching cycle [ t = 1/(2×FSW) ], the LM2772 switches to the discharge phase. In this configuration, the charge
that was stored on the flying capacitors in the charge phase is transferred to the output.
The LM2772 uses fixed frequency pre-regulation to regulate the output voltage to 1.2V during moderate to high
load currents. The input and output connections of the flying capacitors are made with internal MOS switches.
Pre-regulation limits the gate drive of the MOS switch connected between the voltage input and the flying
capacitors. Controlling the on resistance of this switch limits the amount of charge transferred into and out of
each flying capacitor during the charge and discharge phases, and in turn helps to keep the output ripple very
low.
When output currents are low (<40mA typ.), the LM2772 automatically switches to a low-ripple Pulse Frequency
Modulation (PFM) form of regulation. In PFM mode, the flying capacitors stay in the discharge phase until the
output voltage drops below a predetermined trip point. When this occurs, the flying capacitors switch back to the
charge phase. After being charged, the flying capacitors repeat the process of staying in the discharge phase
and switching to the charge phase when necessary.
Efficiency Performance
Charge-pump efficiency is derived in the following two ideal equations (supply current and other losses are
neglected for simplicity):
IIN = G × IOUT E = (VOUT × IOUT) ÷ (VIN × IIN) = VOUT ÷ (G × VIN)
(1)
In the equations, G represents the charge pump gain. Efficiency is at its highest as G×VIN approaches VOUT.
Refer to the efficiency graph in the Typical Performance Characteristics section for detailed efficiency data. The
transition between gains of 1/2, 2/5, and 1/3 are clearly distinguished by the sharp discontinuity in the efficiency
curve.
Shutdown
The LM2772 is in shutdown mode when the voltage on the enable pin (EN) is logic-low. In shutdown, the
LM2772 draws virtually no supply current. When in shutdown, the output of the LM2772 is completely
disconnected from the input. Internal feedback resistors pull the output voltage down to 0V during shutdown.
Soft Start
The LM2772 employs soft start circuitry to prevent excessive input inrush currents during startup. At startup, the
output voltage gradually rises from 0V to the nominal output voltage. This occurs in 150µs (typ.). Soft-start is
engaged when the part is enabled, including situations where voltage is established simultaneously on the VIN
and EN pins.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com