Electronic Components Datasheet Search
  English  ▼

X  

LM2772 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  Low-Ripple Switched Capacitor Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2772 Datasheet(HTML) 3 Page - Texas Instruments

  LM2772 Datasheet HTML 1Page - Texas Instruments LM2772 Datasheet HTML 2Page - Texas Instruments LM2772 Datasheet HTML 3Page - Texas Instruments LM2772 Datasheet HTML 4Page - Texas Instruments LM2772 Datasheet HTML 5Page - Texas Instruments LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM2772
www.ti.com
SNVS486A – DECEMBER 2006 – REVISED MARCH 2007
Operating Ratings
(1) (2)
Input Voltage Range
2.7V to 5.5V
Recommended Load Current Range
0mA to 150mA
Junction Temperature (TJ) Range
-30°C to +110°C
Ambient Temperature (TA) Range
-30°C to +85°C
(3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 110ºC), the
maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal
55°C/W
Resistance (
θJA), SON-10 Package
(1)
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues.
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25ºC. Limits in boldface type apply over the full operating junction temperature range
(-30°C
≤ TJ ≤ +110°C) . Unless otherwise noted, specifications apply to the LM2772 Typical Application Circuit (pg. 1) with:
VIN = 3.6V; V(EN) = 1.8V, CIN = C1 = C2 = C3 = 1.0µF, COUT = 4.7µF.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
3.0V
≤ VIN ≤ 5.5V
1.164
1.236
1.2
0mA
≤ IOUT ≤ 150mA
(
−3%)
(+3%)
VOUT
1.2V Output Voltage Regulation
V
1.178
1.236
0mA
≤ IOUT ≤ 150mA
1.2
(
−1.8%)
(+3.0%)
VOUT/IOUT
Output Load Regulation
0mA
≤ IOUT ≤ 150mA
0.15
mV/mA
VOUT/VIN
Output Line Regulation
0.2
%/V
E
Power Efficiency
IOUT = 150mA
80
%
IOUT = 0mA
IQ
Quiescent Supply Current
47
50
µA
(4)
VR
Fixed Frequency Output Ripple
40mA
≤ IOUT ≤ 150mA
8
mV
VR–PFM
PFM–Mode Output Ripple
IOUT < 40mA
12
mV
ISD
Shutdown Current
V(EN) = 0V
0.01
0.3
µA
FSW
Switching Frequency
3.0V
≤ VIN ≤ 5.5V
0.80
1.15
1.50
MHz
VIN = 5.5V
ICL
Output Current Limit
500
mA
0V
≤ VOUT ≤ 0.2V
tON
Turn-on Time
150
µs
VIL
Logic-low Input Voltage
3.0V
≤ VIN ≤ 5.5V
0
0.63
V
VIH
Logic-high Input Voltage
3.0V
≤ VIN ≤ 5.5V
1.1
VIN
V
V(EN) = 1.8V
IIH
Logic-high Input Current
5
µA
(5)
IIL
Logic-low Input Current
Logic Input = 0V
0.01
µA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
CIN, COUT, C1, C2, C3: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
VOUT is set to 1.3V during this test (Device is not switching).
(5)
There is a 350k
Ω pull-down resistor connected internally between the EN pin and GND.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com