Electronic Components Datasheet Search
  English  ▼

X  

LM2772 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  Low-Ripple Switched Capacitor Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2772 Datasheet(HTML) 5 Page - Texas Instruments

  LM2772 Datasheet HTML 1Page - Texas Instruments LM2772 Datasheet HTML 2Page - Texas Instruments LM2772 Datasheet HTML 3Page - Texas Instruments LM2772 Datasheet HTML 4Page - Texas Instruments LM2772 Datasheet HTML 5Page - Texas Instruments LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM2772
www.ti.com
SNVS486A – DECEMBER 2006 – REVISED MARCH 2007
Typical Performance Characteristics
Unless otherwise specified: VIN = 3.6V, CIN = C1 = C2 = C3 = 1.0µF, COUT = 4.7µF, TA = 25ºC. Capacitors are low-ESR multi-
layer ceramic capacitors (MLCC's).
Output Voltage
Output Voltage
vs.
vs.
Input Voltage
Output Current
Figure 2.
Figure 3.
Efficiency
vs.
Input Voltage
Operating Supply Current
Figure 4.
Figure 5.
Input and Output Voltage Ripple, Load = 150mA
Load Step 10mA to 150mA, VIN = 3.6V
CH1: VIN, Scale: 50mV/Div, AC Coupled
CH3: VOUT; Scale: 50mV/Div, AC Coupled
CH3: VOUT, Scale: 10mV/Div, AC Coupled
CH4: IOUT; Scale: 100mA/Div
Time scale: 1µs/Div
Time scale: 40µs/Div
Figure 6.
Figure 7.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com