Electronic Components Datasheet Search
  English  ▼

X  

LM2772 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  Low-Ripple Switched Capacitor Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2772 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments LM2772 Datasheet HTML 10Page - Texas Instruments LM2772 Datasheet HTML 11Page - Texas Instruments LM2772 Datasheet HTML 12Page - Texas Instruments LM2772 Datasheet HTML 13Page - Texas Instruments LM2772 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM2772
SNVS486A – DECEMBER 2006 – REVISED MARCH 2007
www.ti.com
Table 1. LM2772 Performance with Different Capacitor Configurations (1)
CAPACITOR
TYPICAL
TYPICAL
CONFIGURATION
INPUT
OUTPUT
(VIN = 3.6V)
RIPPLE
RIPPLE
CIN = 1µF,
COUT = 4.7µF,
54mV
4mV
C1, C2, C3 = 1µF
CIN = 1µF,
COUT = 2.2µF,
48mV
6mV
C1, C2, C3 = 1µF
CIN = 0.47µF,
COUT = 4.7µF,
83mV
5mV
C1, C2, C3 = 1µF
CIN = 0.47µF,
COUT = 3.3µF,
82mV
4mV
C1, C2, C3 = 1µF
CIN = 0.47µF,
COUT = 3.3µF,
83mV
5mV
C1, C2, C3 = 0.47µF
(1)
Refer to the text in the Recommended Capacitor Configurations section for detailed information on the data in this table
Layout Guidelines
Proper board layout will help to ensure optimal performance of the LM2772 circuit. The following guidelines are
recommended:
•
Place capacitors as close to the LM2772 as possible, and preferably on the same side of the board as the IC.
•
Use short, wide traces to connect the external capacitors to the LM2772 to minimize trace resistance and
inductance.
•
Use a low resistance connection between ground and the GND pin of the LM2772. Using wide traces and/or
multiple vias to connect GND to a ground plane on the board is most advantageous.
10
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM2772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com