Electronic Components Datasheet Search
  English  ▼

X  

MB89181 Datasheet(PDF) 48 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 48 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 42Page - fujitsu semiconductor MB89181 Datasheet HTML 43Page - fujitsu semiconductor MB89181 Datasheet HTML 44Page - fujitsu semiconductor MB89181 Datasheet HTML 45Page - fujitsu semiconductor MB89181 Datasheet HTML 46Page - fujitsu semiconductor MB89181 Datasheet HTML 47Page - fujitsu semiconductor MB89181 Datasheet HTML 48Page - fujitsu semiconductor MB89181 Datasheet HTML 49Page - fujitsu semiconductor MB89181 Datasheet HTML 50Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
48
MB89180 Series
+0.20
–0.10
+.008
–.004
+0.05
–0.02
+.002
–.001
LEAD No.
(STAND OFF)
64
49
48
33
32
17
16
1
NOM
(.512)
REF
(.384)
13.00
9.75
(.012±.004)
0.30±0.10
0.65(.0256)TYP
12.00±0.10(.472±.004)SQ
14.00±0.20(.551±.008)SQ
(.020±.008)
(.004±.004)
0.10±0.10
0.50±0.20
0
10°
Details of "A" part
"A"
1.50
.059
0.127
.005
1 PIN INDEX
0.10(.004)
M
0.13(.005)
Dimensions in mm (inches).
s PACKAGE DIMENSIONS
64 pin, Plastic QFP
(FPT-64P-M09)
"A"
LEAD No.
64
52
32
0.25(.010)
0.30(.012)
51
33
1
19
20
INDEX
TYP
(.016±.004)
0.40±0.10
1.00(.0394)
0.15±0.05(.006±.002)
18.00(.709)REF
22.30±0.40(.878±.016)
(STAND OFF)
0.05(.002)MIN
3.35(.132)MAX
(.551±.008)
14.00±0.20
(.642±.016)
16.30±0.40
REF
12.00(.472)
(.736±.016)
18.70±0.40
20.00±0.20(.787±.008)
24.70±0.40(.972±.016)
(.047±.008)
Details of "B" part
1.20±0.20
0
10°
Details of "A" part
0.18(.007)MAX
0.63(.025)MAX
0.10(.004)
"B"
M
0.20(.008)
1994 FUJITSU LIMITED F64013S-3C-2
C
(Mounting height)
64-pin Plastic QFP
(FPT-64P-M06)
Dimensions in mm (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com