Electronic Components Datasheet Search
  English  ▼

X  

MB89181 Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 26Page - fujitsu semiconductor MB89181 Datasheet HTML 27Page - fujitsu semiconductor MB89181 Datasheet HTML 28Page - fujitsu semiconductor MB89181 Datasheet HTML 29Page - fujitsu semiconductor MB89181 Datasheet HTML 30Page - fujitsu semiconductor MB89181 Datasheet HTML 31Page - fujitsu semiconductor MB89181 Datasheet HTML 32Page - fujitsu semiconductor MB89181 Datasheet HTML 33Page - fujitsu semiconductor MB89181 Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
MB89180 Series
(Continued)
(VCC = +5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
*1: The measurement conditions of power supply current are as follows: the external clock, open output pins, and
the external LCD dividing resistor. In the case of the MB89PV180, the current consumed by the connected
EPROM and ICE is not included.
*2: For information on tinst, see “(4) Instruction Cycle” in “4. AC Characteristics.”
Note: For pins which serve as the segment (SEG8 to SEG31) and ports (P10 to P17, P40 to P47, and P50 to P57),
see the port parameter when these pins are used as ports and the segment parameter when they are used
as segment pins.
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
LCD divided
resistor value
RLCD
—
Between
VCC and VSS
300
500
750
k
Ω
LCD controller/
driver leakage
current
ILCDL
V1 to V3,
COM0 to COM3,
SEG0 to SEG31
——
—
±1
µA
Power supply
current*2
ICC1
VCC
FCH = 4.2 MHz
VCC = 5.0 V
tinst*2 = 0.95
µs
• Main clock
operation mode
—
3.0
4.5
mA
MB89181/
182/183/
PV180
—
3.8
6.0
mA
MB89P185
ICC2
FCH = 4.2 MHz
VCC = 3.0 V
tinst*2 = 15.2
µs
• Main clock
operation mode
—
0.25
0.4
mA
MB89181/
182/183/
PV180
—
0.85
1.4
mA
MB89P185
ICCL
FCL = 32.768
kHz
VCC = 3.0 V
tinst*2 = 61
µs
• Subclock
operation mode
—
0.05
0.1
mA
MB89181/
182/183/
PV180
—
0.65
1.1
mA
MB89P185
ICCS1
FCH = 4.2 MHz
VCC = 5.0 V
tinst*2 = 0.95
µs
• Main clock
sleep mode
—
0.8
1.2
mA
ICCS2
FCH = 4.2 MHz
VCC = 3.0 V
tinst*2 = 15.2
µs
• Main clock
sleep mode
—
0.2
0.3
mA
ICCSL
FCL = 32.768 kHz
VCC = 3.0 V
tinst*2 = 61
µs
• Subclock mode
—25
50
µA
ICCT
FCL = 32.768 kHz
VCC = 3.0 V
• Watch mode
—10
15
µA
ICCH
TA = +25
°C
VCC = 5.0 V
• Stop mode
—0.1
1
µA
MB89181/
182/183
—0.1
10
µA
MB89PV18
0/P185
Input capacitance
CIN
Other VCC and VSS
f = 1 MHz
—
10
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com