Electronic Components Datasheet Search
  English  ▼

X  

MB89181 Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 12Page - fujitsu semiconductor MB89181 Datasheet HTML 13Page - fujitsu semiconductor MB89181 Datasheet HTML 14Page - fujitsu semiconductor MB89181 Datasheet HTML 15Page - fujitsu semiconductor MB89181 Datasheet HTML 16Page - fujitsu semiconductor MB89181 Datasheet HTML 17Page - fujitsu semiconductor MB89181 Datasheet HTML 18Page - fujitsu semiconductor MB89181 Datasheet HTML 19Page - fujitsu semiconductor MB89181 Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
MB89180 Series
3. Programming to the EPROM
In EPROM mode, the MB89P185 functions equivalent to the MBM27C256A. This allows the PROM to be
programmed with a general-purpose EPROM programmer (the electronic signature mode cannot be used) by
using the dedicated socket adapter.
• Programming procedure
(1) Set the EPROM programmer to the MBM27C256A.
(2) Load program data into the EPROM programmer at 4000H to 7FFFH (note that addresses C000H to FFFFH
in operating mode assign to 4000H to 7FFFH in EPROM mode).
Program to 4000H to 7FFFH with the EPROM programmer.
(3) Load option data into addresses 3FF0H to 3FF5H of the EPROM programmer. (For information about each
corresponding option, see “7. PROM Option Bit Map.”)
Program to 3FF0H to 3FF5H with the EPROM programmer.
4. Recommended Screening Conditions
High-temperature aging is recommended as the pre-assembly screening procedure for a product with a blanked
OTPROM microcomputer program.
5. Programming Yield
All bits cannot be programmed at Fujitsu shipping test to a blanked OTPROM microcomputer, due to its nature.
For this reason, a programming yield of 100% cannot be assured at all times.
6. EPROM Programmer Socket Adapter
Inquiry: Sun Hayato Co., Ltd.: TEL 81-3-3802-5760
Note: Depending on the EPROM programmer, inserting a capacitor of about 0.1
µF between VPP and VSS or
VCC and VSS can stabilize programming operations.
Package
Compatible socket adapter
FPT-64P-M09
ROM-64QF2-28DP-8L2
FPT-64P-M06
ROM-64QF-28DP-8L3
Program, verify
Aging
+150°C, 48 Hrs.
Data verification
Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com