Electronic Components Datasheet Search
  English  ▼

X  

MB89181 Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 5Page - fujitsu semiconductor MB89181 Datasheet HTML 6Page - fujitsu semiconductor MB89181 Datasheet HTML 7Page - fujitsu semiconductor MB89181 Datasheet HTML 8Page - fujitsu semiconductor MB89181 Datasheet HTML 9Page - fujitsu semiconductor MB89181 Datasheet HTML 10Page - fujitsu semiconductor MB89181 Datasheet HTML 11Page - fujitsu semiconductor MB89181 Datasheet HTML 12Page - fujitsu semiconductor MB89181 Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
MB89180 Series
s PIN DESCRIPTION
(Continued)
*1: FPT-64P-M09
*2: FPT-64P-M06
*3: FPT-64P-M03
*4: MQP-64C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
SQFP*3
QFP*2
MQFP*4
39
40
X0
A
Main clock crystal oscillator pins
CR oscillation selectability (only for the mask ROM
products)
38
39
X1
40
41
MODA
C
Operating mode selection pin
Connect directly to VSS.
43
44
RST
D
Reset I/O pin
This pin is an N-ch open drain output type with a pull-
up resistor, and hysteresis input type. “L” is output
from this pin by an internal reset source. The internal
circuit is initialized by the input of “L”.
44 to 51
45 to 52
P07/INT27 to
P00/INT20
E
General-purpose I/O ports
Also serve as external interrupt 2 input (wake-up
function).
External interrupt 2 input is hysteresis input.
21 to 23
22 to 24
P10/INT10/
SEG24 to
P12/INT12/
SEG26
E/K
General-purpose I/O ports
Also serve as external interrupt 1 input.
The interrupt 1 input is a hysteresis type.
Also serve as LCD controller/driver segment output.
Switching is done by the mask option.
25
26
P13/INT13/
SEG27
26 to 29
27 to 30
P14/SEG28 to
P17/SEG31
F/K
General-purpose I/O ports
Also serve as LCD controller/driver segment output.
Switching is done by the mask option.
37
38
P20/EC
H
General-purpose N-ch open-drain I/O port
Also serves as the external clock input for the 8-bit
timer counter. The resource is a hysteresis input type.
36
37
P21
I
General-purpose N-ch open-drain I/O port
35
36
P22/TO
I
General-purpose N-ch open-drain I/O port
Also serves as the 8-bit timer/counter output
34
35
P23/SI
H
General-purpose N-ch open-drain I/O port
Also serves as the data input for the 8-bit serial I/O.
The resource is a hysteresis input type.
33
34
P24/SO
I
General-purpose N-ch open-drain I/O port
Also serves as the data output for the 8-bit serial I/O.
32
33
P25/SCK
H
General-purpose N-ch open-drain I/O port
Also serves as the clock I/O for the 8-bit serial I/O.
The resource is a hysteresis input type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com