Electronic Components Datasheet Search
  English  ▼

X  

MB89181 Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB89181
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89181 Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB89181 Datasheet HTML 29Page - fujitsu semiconductor MB89181 Datasheet HTML 30Page - fujitsu semiconductor MB89181 Datasheet HTML 31Page - fujitsu semiconductor MB89181 Datasheet HTML 32Page - fujitsu semiconductor MB89181 Datasheet HTML 33Page - fujitsu semiconductor MB89181 Datasheet HTML 34Page - fujitsu semiconductor MB89181 Datasheet HTML 35Page - fujitsu semiconductor MB89181 Datasheet HTML 36Page - fujitsu semiconductor MB89181 Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
MB89180 Series
(4) Instruction Cycle
Parameter
Symbol
Value (typical)
Unit
Remarks
Instruction cycle
(minimum execution time)
tinst
4/FCH, 8/FCH, 16/FCH, 64/FCH
µs (4/FCH) tinst = 0.95 µs when operating
at FCH = 4.2 MHz
2/FCL
µs tinst = 61.036 µs when operating at
FCL = 32.768 kHz
X0A
X1A
C1
C2
FCL
Open
X0A
X1A
When crystal
or
ceramic resonator is used
When single-clock
option is used
R2
X0A
X1A
FCL
Open
When an external clock is used
tCF
tLCYL
0.8 VCC
0.2 VCC
X0A
PWHL
PWLL
tCR
X0A and X1A Timing and Conditions
Subclock Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com