Electronic Components Datasheet Search
  English  ▼

X  

TSL2583FN Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # TSL2583FN
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL2583FN Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button TSL2583FN Datasheet HTML 24Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 25Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 26Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 27Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 28Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 29Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 30Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 31Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
27
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
PACKAGE INFORMATION
PACKAGE FN
Dual Flat No-Lead
203
+ 8
442
+ 10
650
BSC
650
+ 50
6 SDA
5 INT
4 SCL
Vdd 1
ADDR SEL 2
GND 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Lead Free
Pb
300
+ 50
2000
+ 75
2000
+ 75
PIN 1
PIN 1
END VIEW
PIN OUT
TOP VIEW
Photo-Active Area
750
+ 150
295
Nominal
442
+ 10
C
L of Solder Contacts
Photodiode Array Area (Note B)
CL
140 Nominal
20 Nominal
CL of Solder Contacts
of Photodiode Array Area
(Note B)
CL
NOTES: A. All linear dimensions are in micrometers. Dimension tolerance is
± 20 μm unless otherwise noted.
B. The die is centered within the package within a tolerance of
± 75 μm.
C. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
D. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
E. This package contains no lead (Pb).
F. This drawing is subject to change without notice.
Figure 11. Package FN — Dual Flat No-Lead Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com