Electronic Components Datasheet Search
  English  ▼

X  

TSL2583FN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TSL2583FN
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL2583FN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TSL2583FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 12Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
8
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
I2C Protocol
Interface and control are accomplished through an I2C serial compatible interface (standard or fast mode) to
a set of registers that provide access to device control functions and output data. The devices support the 7-bit
I2C addressing protocol.
The I2C standard provides for three types of bus transaction: read, write, and a combined protocol (Figure 5).
During a write operation, the first byte written is a command byte followed by data. In a combined protocol, the
first byte written is the command byte followed by reading a series of bytes. If a read command is issued, the
register address from the previous command will be used for data access. Likewise, if the MSB of the command
is not set, the device will write a series of bytes at the address stored in the last valid command with a register
address. The command byte contains either control information or a 5-bit register address. The control
commands can also be used to clear interrupts.
The I2C bus protocol was developed by Philips (now NXP). For a complete description of the I2C protocol, please
review the NXP I2C design specification at http://www.i2c−bus.org/references/.
A
Acknowledge (0)
N
Not Acknowledged (1)
P
Stop Condition
R
Read (1)
S
Start Condition
Sr
Repeated Start Condition
W
Write (0)
...
Continuation of protocol
Master-to-Slave
Slave-to-Master
W
7
Data Byte
Slave Address
S
1
AA
A
8
11
1
8
Command Code
1
P
1
...
I2C Write Protocol
I2C Read Protocol
I2C Read Protocol — Combined Format
R
7
Data
Slave Address
S
1
AA
A
8
11
1
8
Data
1
P
1
...
W
7
Slave Address
Slave Address
S
1
AR
A
8
11
1
7
1
1
Command Code
Sr
1
A
Data
A
A
81
8
Data
1
P
1
...
Figure 5. I2C Protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com