Electronic Components Datasheet Search
  English  ▼

X  

TSL2583FN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TSL2583FN
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL2583FN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TSL2583FN Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
ADDR SEL
2
I
Address select — three-state.
GND
3
Power supply ground. All voltages are referenced to GND.
INT
5
O
Interrupt — open drain.
SCL
4
I
Serial clock input terminal — clock signal.
SDA
6
I/O
Serial data I/O terminal — serial data I/O.
VDD
1
Supply voltage.
Available Options
DEVICE
PACKAGE − LEADS
INTERFACE TYPE
ORDERING NUMBER
TSL2581
CS−6
I2C Bus = VDD
TSL2581CS
TSL2581
FN−6
I2C Bus = VDD
TSL2581FN
TSL2583†
CS−6
I2C Bus = 1.8 V
TSL2583CS
TSL2583
FN−6
I2C Bus = 1.8 V
TSL2583FN
† Contact TAOS for availability.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output current, IO
−1 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
3
3.6
V
Operating free-air temperature, TA
−30
70
°C
SCL SDA input low voltage V
TSL2581 (Note 2)
0.3 VDD
V
SCL, SDA input low voltage, VIL
TSL2583 (Note 3)
0.54
V
SCL SDA input high voltage V
TSL2581 (Note 2)
0.7 VDD
V
SCL, SDA input high voltage, VIH
TSL2583 (Note 3)
1.25
V
NOTES: 2. Meets I2C specifications where VBUS = VDD .
3. Meets I2C specifications where VBUS = 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com