Electronic Components Datasheet Search
  English  ▼

X  

TSL2583FN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TSL2583FN
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL2583FN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TSL2583FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
AC Electrical Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER†
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(CONV)
Conversion time
2.7
688
ms
f(SCL)
Clock frequency
0
400
kHz
t(BUF)
Bus free time between start and stop condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start condition. After
this period, the first clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
0.9
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
† Specified by design and characterization; not production tested.
PARAMETER MEASUREMENT INFORMATION
SDA
SCL
Stop
Start
SCLACK
t(LOWMEXT)
t(LOWMEXT)
t(LOWSEXT)
SCLACK
t(LOWMEXT)
Start
Condition
Stop
Condition
P
SDA
t(SUSTO)
t(SUDAT)
t(HDDAT)
t(BUF)
VIH
VIL
SCL
t(SUSTA)
t(HIGH)
t(F)
t(R)
t(HDSTA)
t(LOW)
VIH
VIL
PS
S
Figure 1. Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com