Electronic Components Datasheet Search
  English  ▼

X  

TSL2583FN Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # TSL2583FN
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL2583FN Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button TSL2583FN Datasheet HTML 25Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 26Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 27Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 28Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 29Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 30Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 31Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 32Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
28
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
CARRIER TAPE AND REEL INFORMATION
TOP VIEW
DETAIL B
DETAIL A
1.35
+ 0.05
Ao
1.85
+ 0.05
Bo
0.97
+ 0.05
Ko
0.250
+ 0.02
5
5 Max
5
5 Max
4.00
8.00
3.50
+ 0.05
j 1.50
4.00
2.00
+ 0.05
+ 0.30
− 0.10
1.75
B
B
AA
j 0.60
+ 0.05
NOTES: A. All linear dimensions are in millimeters. Dimension tolerance is
± 0.10 mm unless otherwise noted.
B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
D. Each reel is 178 millimeters in diameter and contains 3500 parts.
E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B.
F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
G. This drawing is subject to change without notice.
Figure 12. Package CS Carrier Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com