Electronic Components Datasheet Search
  English  ▼

X  

TSL2583FN Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # TSL2583FN
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL2583FN Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button TSL2583FN Datasheet HTML 25Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 26Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 27Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 28Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 29Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 30Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 31Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 32Page - List of Unclassifed Manufacturers TSL2583FN Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
31
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
STORAGE INFORMATION
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the release and
vaporization of moisture that has been previously absorbed into the package molding compound. To ensure the
package molding compound contains the smallest amount of absorbed moisture possible, each device is
dry-baked prior to being packed for shipping. Devices are packed in a sealed aluminized envelope with silica
gel to protect them from ambient moisture during shipping, handling, and storage before use.
CS package
The CS package has been assigned a moisture sensitivity level of MSL 2 and the devices should be stored under
the following conditions:
Temperature Range
5
°C to 50°C
Relative Humidity
60% maximum
Floor Life
1 year out of bag at ambient < 30
°C / 60% RH
Rebaking will be required if the aluminized envelope has been open for more than 1 year. If rebaking is required,
it should be done at 50
°C for 12 hours.
FN package
The FN package has been assigned a moisture sensitivity level of MSL 3 and the devices should be stored under
the following conditions:
Temperature Range
5
°C to 50°C
Relative Humidity
60% maximum
Total Time
12 months from the date code on the aluminized envelope — if unopened
Opened Time
168 hours or fewer
Rebaking will be required if the devices have been stored unopened for more than 12 months or if the aluminized
envelope has been open for more than 168 hours. If rebaking is required, it should be done at 50
°C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com