Electronic Components Datasheet Search
  English  ▼

X  

LM1972 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM1972
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 3 Page - Texas Instruments

  LM1972 Datasheet HTML 1Page - Texas Instruments LM1972 Datasheet HTML 2Page - Texas Instruments LM1972 Datasheet HTML 3Page - Texas Instruments LM1972 Datasheet HTML 4Page - Texas Instruments LM1972 Datasheet HTML 5Page - Texas Instruments LM1972 Datasheet HTML 6Page - Texas Instruments LM1972 Datasheet HTML 7Page - Texas Instruments LM1972 Datasheet HTML 8Page - Texas Instruments LM1972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM1972
www.ti.com
SNAS094D – APRIL 1995 – REVISED MARCH 2013
Electrical Characteristics
(1) (2)
The following specifications apply for all channels with VDD = +6V, VSS = −6V, VIN = 5.5 Vpk, and f = 1 kHz, unless otherwise
specified. Limits apply for TA = 25°C. Digital inputs are TTL and CMOS compatible.
Symbol
Parameter
Conditions
LM1972
Units
(Limits)
Typical(3)
Limit (4)
IS
Supply Current
Inputs are AC Grounded
2
4
mA (max)
THD+N
Total Harmonic Distortion plus Noise
VIN = 0.5 Vpk @ 0dB Attenuation
0.0008
0.003
% (max)
XTalk
Crosstalk (Channel Separation)
0dB Attenuation for VIN
110
100
dB (min)
VCH measured @ −78dB
SNR
Signal-to-Noise Ratio
Inputs are AC Grounded
@
−12dB Attenuation
120
110
dB (min)
A-Weighted
AM
Mute Attenuation
104
96
dB (min)
Attenuation Step Size Error
0dB to
−47.5dB
±0.05
dB (max)
−48dB to −78dB
±0.25
dB (max)
Absolute Attenuation Error
Attenuation @ 0dB
0.03
0.5
dB (min)
Attenuation @
−20dB
19.8
19.0
dB (min)
Attenuation @
−40dB
39.5
38.5
dB (min)
Attenuation @
−60dB
59.3
57.5
dB (min)
Attenuation @
−78dB
76.3
74.5
dB (min)
Channel-to-Channel Attenuation
Attenuation @ 0dB,
−20dB, −40dB, −60dB
±0.5
dB (max)
Tracking Error
Attenuation @
−78dB
±0.75
dB (max)
ILEAK
Analog Input Leakage Current
Inputs are AC Grounded
10.0
100
nA (max)
RIN
AC Input Impedance
Pins 4, 20, VIN = 1.0 Vpk, f = 1 kHz
40
20
k
Ω (min)
60
k
Ω (max)
IIN
Input Current
@ Pins 9, 10, 11 @ 0V < VIN < 5V
1.0
±100
nA (max)
fCLK
Clock Frequency
3
2
MHz (max)
VIH
High-Level Input Voltage
@ Pins 9, 10, 11
2.0
V (min)
VIL
Low-Level Input Voltage
@ Pins 9, 10, 11
0.8
V (max)
Data-Out Levels (Pin 12)
VDD=6V, VSS=0V
0.1
V (max)
5.9
V (min)
(1)
All voltages are measured with respect to GND pins (1, 3, 5, 6, 14, 16, 19), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions. This
assumes that the device is within the Operating Ratings. The typical value is a good indication of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to Texas Instrument's AOQL (Average Output Quality Level).
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com