Electronic Components Datasheet Search
  English  ▼

X  

LM1972 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1972
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 1 Page - Texas Instruments

  LM1972 Datasheet HTML 1Page - Texas Instruments LM1972 Datasheet HTML 2Page - Texas Instruments LM1972 Datasheet HTML 3Page - Texas Instruments LM1972 Datasheet HTML 4Page - Texas Instruments LM1972 Datasheet HTML 5Page - Texas Instruments LM1972 Datasheet HTML 6Page - Texas Instruments LM1972 Datasheet HTML 7Page - Texas Instruments LM1972 Datasheet HTML 8Page - Texas Instruments LM1972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM1972
www.ti.com
SNAS094D – APRIL 1995 – REVISED MARCH 2013
LM1972
μPot 2-Channel 78dB Audio Attenuator with Mute
Check for Samples: LM1972
1
FEATURES
DESCRIPTION
The LM1972 is a digitally controlled 2-channel 78dB
2
•
3-Wire Serial Interface
audio attenuator fabricated on a CMOS process.
•
Daisy-Chain Capability
Each channel has attenuation steps of 0.5dB from
•
104dB Mute Attenuation
0dB–47.5dB, 1.0dB steps from 48dB–78dB, with a
mute function attenuating 104dB. Its logarithmic
•
Pop and Click Free Attenuation Changes
attenuation
curve
can
be
customized
through
software to fit the desired application.
APPLICATIONS
The performance of a
μPot is demonstrated through
•
Automated Studio Mixing Consoles
its excellent Signal-to-Noise Ratio, extremely low
•
Music Reproduction Systems
(THD+N), and high channel separation. Each
μPot
•
Sound Reinforcement Systems
contains a mute function that disconnects the input
signal
from
the
output,
providing
a
minimum
•
Electronic Music (MIDI)
attenuation
of
96dB.
Transitions
between
any
•
Personal Computer Audio Control
attenuation settings are pop free.
The LM1972's 3-wire serial digital interface is TTL
KEY SPECIFICATIONS
and CMOS compatible; receiving data that selects a
•
Total Harmonic Distortion +
channel and the desired attenuation level. The Data-
Noise: 0.003 % (max)
Out pin of the LM1972 allows multiple
μPots to be
daisy-chained together, reducing the number of
•
Frequency response: 100 kHz (
−3dB) (min)
enable and data lines to be routed for a given
•
Attenuation range (excluding
application.
mute): 78 dB (typ)
•
Differential attenuation: ±0.25 dB (max)
•
Signal-to-noise ratio
(ref. 4 Vrms): 110 dB (min)
•
Channel separation: 100 dB (min)
Typical Application
Connection Diagram
Figure 1. Typical Audio Attenuator Application
Figure 2. 20-Lead SOIC - Top View
Circuit
See DW Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972 Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
LM1972 TI2-LM1972 Datasheet
849Kb / 22P
LM1972 μPot 2-Channel 78dB Audio Attenuator with Mute
REVISED MARCH 2013
logo
National Semiconductor ...
LM1972M NSC-LM1972M Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972M TI1-LM1972M Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
More results

Similar Description - LM1972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
logo
Unisonic Technologies
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com