Electronic Components Datasheet Search
  English  ▼

X  

LM1972 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM1972
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM1972 Datasheet HTML 4Page - Texas Instruments LM1972 Datasheet HTML 5Page - Texas Instruments LM1972 Datasheet HTML 6Page - Texas Instruments LM1972 Datasheet HTML 7Page - Texas Instruments LM1972 Datasheet HTML 8Page - Texas Instruments LM1972 Datasheet HTML 9Page - Texas Instruments LM1972 Datasheet HTML 10Page - Texas Instruments LM1972 Datasheet HTML 11Page - Texas Instruments LM1972 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LM1972
SNAS094D – APRIL 1995 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
ATTENUATION STEP SCHEME
The fundamental attenuation step scheme for the LM1972
μPot is shown in Figure 16. This attenuation step
scheme, however, can be changed through programming techniques to fit different application requirements.
One such example would be a constant logarithmic attenuation scheme of 1dB steps for a panning function as
shown in Figure 17. The only restriction to the customization of attenuation schemes are the given attenuation
levels and their corresponding data bits shown in Table 1. The device will change attenuation levels only when a
channel address is recognized. When recognized, the attenuation level will be changed corresponding to the
data bits shown in Table 1. As shown in Figure 19, an LM1972 can be configured as a panning control which
separates the mono signal into left and right channels. This circuit may utilize the fundamental attenuation
scheme of the LM1972 or be programmed to provide a constant 1dB logarithmic attenuation scheme as shown in
Figure 17.
LM1972 Channel Attenuation
vs Digital Step Value
Figure 16. LM1972 Attenuation Step Scheme
LM1972 Channel Attenuation
vs Digital Step Value
(Programmed 1.0dB Steps)
Figure 17. LM1972 1.0dB
Attenuation Step Scheme
8
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com