Electronic Components Datasheet Search
  English  ▼

X  

LM1972 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM1972
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM1972 Datasheet HTML 8Page - Texas Instruments LM1972 Datasheet HTML 9Page - Texas Instruments LM1972 Datasheet HTML 10Page - Texas Instruments LM1972 Datasheet HTML 11Page - Texas Instruments LM1972 Datasheet HTML 12Page - Texas Instruments LM1972 Datasheet HTML 13Page - Texas Instruments LM1972 Datasheet HTML 14Page - Texas Instruments LM1972 Datasheet HTML 15Page - Texas Instruments LM1972 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LM1972
SNAS094D – APRIL 1995 – REVISED MARCH 2013
www.ti.com
DIGITAL DATA-OUT PIN
The DATA-OUT pin is available for daisy-chain system configurations where multiple
μPots will be used. The use
of the daisy-chain configuration allows the system designer to use only one DATA and one LOAD/SHIFT line per
chain, thus simplifying PCB trace layouts.
In order to provide the highest level of channel separation and isolate any of the signal lines from digital noise,
the DATA-OUT pin should be terminated through a 2 k
Ω resistor if not used. The pin may be left floating,
however, any signal noise on that line may couple to adjacent lines creating higher noise specs.
Figure 22.
μPot System Architecture
DAISY-CHAIN CAPABILITY
Since the
μPot's digital interface is essentially a shift register, multiple μPots can be programmed utilizing the
same data and load/shift lines. As shown in Figure 24, for an n-
μPot daisy-chain, there are 16n bits to be shifted
and loaded for the chain. The data loading sequence is the same for n-
μPots as it is for one μPot. First the
LOAD/SHIFT line goes low, then the data is clocked in sequentially while the preceding data in each
μPot is
shifted out the DATA-OUT pin to the next
μPot in the chain or to ground if it is the last μPot in the chain. Then
the LOAD/SHIFT line goes high; latching the data into each of their corresponding
μPots. The data is then
decoded according to the address (channel selection) and the appropriate tap switch controlling the attenuation
level is selected.
CROSSTALK MEASUREMENTS
The crosstalk of a
μPot as shown in the Typical Performance Characteristics was obtained by placing a signal on
one channel and measuring the level at the output of another channel of the same frequency. It is important to
be sure that the signal level being measured is of the same frequency such that a true indication of crosstalk
may be obtained. Also, to ensure an accurate measurement, the measured channel's input should be AC
grounded through a 1
μF capacitor.
12
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com