Electronic Components Datasheet Search
  English  ▼

X  

LM1972 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM1972
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM1972 Datasheet HTML 7Page - Texas Instruments LM1972 Datasheet HTML 8Page - Texas Instruments LM1972 Datasheet HTML 9Page - Texas Instruments LM1972 Datasheet HTML 10Page - Texas Instruments LM1972 Datasheet HTML 11Page - Texas Instruments LM1972 Datasheet HTML 12Page - Texas Instruments LM1972 Datasheet HTML 13Page - Texas Instruments LM1972 Datasheet HTML 14Page - Texas Instruments LM1972 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM1972
www.ti.com
SNAS094D – APRIL 1995 – REVISED MARCH 2013
Table 1. LM1972 Micropot Attenuator
Register Set Description (continued)
MSB:
LSB
0111 1100
76.0
0111 1101
77.0
0111 1110
78.0
0111 1111
100.0 (Mute)
1000 0000
100.0 (Mute)
: : : : :
: :
1111 1110
100.0 (Mute)
1111 1111
100.0 (Mute)
Figure 20. Serial Data Format Transfer Process
μPot SYSTEM ARCHITECTURE
The
μPot's digital interface is essentially a shift register, where serial data is shifted in, latched, and then
decoded. As new data is shifted into the DATA-IN pin, the previously latched data is shifted out the DATA-OUT
pin. Once the data is shifted in, the LOAD/SHIFT line goes high, latching in the new data. The data is then
decoded and the appropriate switch is activated to set the desired attenuation level for the selected channel. This
process is continued each and every time an attenuation change is made. Each channel is updated, only, when
that channel is selected for an attenuator change or the system is powered down and then back up again. When
the
μPot is powered up, each channel is placed into the muted mode.
μPot LADDER ARCHITECTURE
Each channel of a
μPot has its own independent resistor ladder network. As shown in Figure 21, the ladder
consists of multiple R1/R2 elements which make up the attenuation scheme. Within each element there are tap
switches that select the appropriate attenuation level corresponding to the data bits in Table 1. It can be seen in
Figure 21 that the input impedance for the channel is a constant value regardless of which tap switch is selected,
while the output impedance varies according to the tap switch selected.
Figure 21.
μPot Ladder Architecture
DIGITAL LINE COMPATIBILITY
The
μPot's digital interface section is compatible with either TTL or CMOS logic due to the shift register inputs
acting upon a threshold voltage of 2 diode drops or approximately 1.4V.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com