Electronic Components Datasheet Search
  English  ▼

X  

LM1972 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM1972
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 4 Page - Texas Instruments

  LM1972 Datasheet HTML 1Page - Texas Instruments LM1972 Datasheet HTML 2Page - Texas Instruments LM1972 Datasheet HTML 3Page - Texas Instruments LM1972 Datasheet HTML 4Page - Texas Instruments LM1972 Datasheet HTML 5Page - Texas Instruments LM1972 Datasheet HTML 6Page - Texas Instruments LM1972 Datasheet HTML 7Page - Texas Instruments LM1972 Datasheet HTML 8Page - Texas Instruments LM1972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM1972
SNAS094D – APRIL 1995 – REVISED MARCH 2013
www.ti.com
Timing Diagram
Figure 3. Timing Diagram
PIN DESCRIPTIONS
Signal Ground (3, 19): Each input has its own independent ground, GND1 and GND2.
Signal Input (4, 20): There are 2 independent signal inputs, IN1 and IN2.
Signal Output (2, 17): There are 2 independent signal outputs, OUT1 and OUT2.
Voltage Supply (13, 15): Positive voltage supply pins, VDD1 and VDD2.
Voltage Supply (7, 18): Negative voltage supply pins, VSS1 and VSS2. To be tied to ground in a single supply
configuration.
AC Ground (1, 5, 6, 14, 16): These five pins are not physically connected to the die in any way (i.e., No
bondwires). These pins must be AC grounded to prevent signal coupling between any of the pins nearby.
Pin 14 should be connected to pins 13 and 15 for ease of wiring and the best isolation, as an example.
Logic Ground (8): Digital signal ground for the interface lines; CLOCK, LOAD/SHIFT, DATA-IN and DATA-OUT.
Clock (9): The clock input accepts a TTL or CMOS level signal. The clock input is used to load data into the
internal shift register on the rising edge of the input clock waveform.
Load/Shift (10): The load/shift input accepts a TTL or CMOS level signal. This is the enable pin of the device,
allowing data to be clocked in while this input is low (0V).
Data-In (11): The data-in input accepts a TTL or CMOS level signal. This pin is used to accept serial data from
a microcontroller that will be latched and decoded to change a channel's attenuation level.
Data-Out (12): This pin is used in daisy-chain mode where more than one
μPot is controlled via the same data
line. As the data is clocked into the chain from the
μC, the preceding data in the shift register is shifted out
the DATA-OUT pin to the next
μPot in the chain or to ground if it is the last μPot in the chain. The
LOAD/SHIFT line goes high once all of the new data has been shifted into each of its respective registers.
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com